Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK16D1A1ABT2AUEV Datasheet(PDF) 2 Page - GREATECS

Part # RK16D1A1ABT2AUEV
Description  Sealed Sub-Miniature Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK16D1A1ABT2AUEV Datasheet(HTML) 2 Page - GREATECS

  RK16D1A1ABT2AUEV Datasheet HTML 1Page - GREATECS RK16D1A1ABT2AUEV Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sealed Sub-Miniature Rocker Switches
RK16 Series
Rocker Switches
sales@greatecs.com
www.greatecs.com
2
ACTUATOR OPTIONS
TERMINAL OPTIONS
T2
T5
SNAP - IN TERMINATION OPTIONS
A1
A2
WIRE WRAP
T6N
T7N
V2N
P.C. THRU-HOLE
SP-T5
DP-T5
RK16S1
RK16S2
RK16S3
RK16S4
RK16S5
RK16S6
RK16D1
RK16D2
RK16D3
RK16D6


Similar Part No. - RK16D1A1ABT2AUEV

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RK16 SANKEN-RK16 Datasheet
44Kb / 2P
   Schottky Barrier Diodes 60V
logo
EIC discrete Semiconduc...
RK16 EIC-RK16 Datasheet
27Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
List of Unclassifed Man...
RK16 ETC-RK16 Datasheet
44Kb / 2P
   Schottky Barrier Diodes
logo
Sanken electric
RK16 SANKEN-RK16 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
More results

Similar Description - RK16D1A1ABT2AUEV

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
CW Industries
GRB244D8SERIES CWIND-GRB244D8SERIES Datasheet
149Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
GRB112A8SERIES CWIND-GRB112A8SERIES Datasheet
150Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com