Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK3S1P5ENAAN Datasheet(PDF) 1 Page - GREATECS

Part # RK3S1P5ENAAN
Description  21 x 15 mm SP illuminated Rocker Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK3S1P5ENAAN Datasheet(HTML) 1 Page - GREATECS

  RK3S1P5ENAAN Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rocker Switches
21 x 15 mm SP Rocker Switches
RK4 Series
RK4S1Q4D_ _ _ _
General Specifications:
FEATURES
» Single pole rocker switch up to 20A 125VAC
» Non illuminated
MATERIALS
» Contact Arm: Silver cadmium alloy
» Terminals: Silver plated copper
» Spring: Piano wire
MECHANICAL
» Temperature Range: -20°C to +125°C
ELECTRICAL
» Electrical Life: 10,000 cycles
» Rating: 20A125VAC, 12A250VAC
10A125VAC, 6A250VAC
6A125VAC, 3A250VAC
6A250VAC
10(4)A250VAC~T125
» Initial Contact Resistance: 20mΩ max.
» Insulation Resistance: 100MΩ min. at 500VDC
RK4
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
8
PANEL CUT-OUT
Snap-in mounting
Y
X (Panal thickness)
Dimension Y
Dimension Z
0.75 to 1.25 mm
19.20 +0.1/-0 mm 12.90 +0.15/-0 mm
1.25 to 2 mm
19.40 +0.1/-0 mm 12.90 +0.15/-0 mm
2 to 3 mm
19.80 +0.1/-0 mm 12.90 +0.15/-0 mm
25.00
7.00
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
21.00
12.60
12.90
21.00
7.00
7.00
7.00
21.00
15.00
Q
4.8mm TAB,
0.8mm Thick
D1 Solder Tag Type 1
D2 Solder Tag Type 2
D3 Solder Tag Type 3
A
B
C
D
E
F
G
RK4S1R4D_ _ _N
RK4S1H4A_ _ _N
RK4S3Q4G_ _ _N
S
1
2
3
4
Q
D1
D2
D3
R
L
H
4
POLES:
Single Pole
SWITCHING:
ON - OFF
ON - ON
ON - OFF - ON
MOM - OFF
TERMINAL (See above drawings):
4.8mm TAB, 0.8mm THICK
Solder Tag Type 1
Solder Tag Type 2
Solder Tag Type 3
Thru Hole Right Angle
Thru Hole Left Angle
Thru Hole Straight
ACTUATOR:
Curve
A
B
C
D
E
F
G
A
H
B
A
H
B
C
N
W
ACTUATOR MARKING:
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Grey
White
Red
WATERPROOF COVER:
None Cover (Standard)
With Waterproof Cover
1
2
3
4
5
6
7
8
R
Thru Hole Right Angle
L
Thru Hole Left Angle
H
Thru Hole Straight
ACTUATOR MARKING
TERMINAL
PANEL SIZE
B04
S
1
2
3
P
Q
L
4
5
6
A
B
C
POLES:
Single Pole
SWITCHING:
ON - OFF
ON - ON
Indicator Light
TERMINAL (See above drawings):
4.8mm TAB, 0.8mm Thick, Ø1.6mm
(RK3S3 Only)
4.8mm TAB, 0.8mm Thick, Ø1.4mm
(RK3S1 & RK3S2 Only)
2.9mm TAB, 0.8mm THICK
(RK3S1 & RK3S2 Only)
ACTUATOR (See above drawings):
Curve (No Illuminated)
(RK3S1 & RK3S2 Only)
Curve (Illuminated)
(RK3S1 & RK3S2 Only)
Flat (RK3S3 Only)
ACTUATOR MARKING:
See above drawings
See above drawings
See above drawings
D
E
F
N
F
C
G
D
A
H
B
A
H
B
C
N
W
See above drawings
See above drawings
See above drawings
ILLUMINATION:
No Illuminated
Green
Red
Blue (RK3S3 Only)
Orange
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
Grey
White
Red
WATERPROOF COVER:
None Cover (Standard)
With Waterproof Cover
1
2
3
4
5
6
7
8
9
Rocker Switches
21 x 15 mm SP illuminated Rocker Switches
RK3 Series
RK3S1 ON-OFF Switching
RK3S2 ON-ON Switching
General Specifications:
FEATURES
Single pole Rocker switch up to 20A 125VAC
MATERIALS
Contact Arm: Silver cadmium alloy
Terminal: Silver plated copper
Spring: Piano wire
MECHANICAL
Temperature Range: -20°C to +125°C
ELECTRICAL
Electrical Life: 10,000 cycles
Rating: 20A125VAC, 12A250VAC
10A125VAC, 6A250VAC
6A125VAC, 3A250VAC
6A250VAC
10(4)A250VAC~T125
Initial Contact Resistance: 20mΩ max.
Insulation Resistance: 100MΩ min. at 500VDC
RK3
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
RK3S3 Indicator Light
6
5
7
8
9
P 4.8mm TAB,
0.8mm THICK,
Ø1.6mm
Q 4.8mm TAB,
0.8mm THICK,
Ø1.4mm
L 2.9mm TAB,
0.8mm THICK
21.0
7.00
19.00
12.20
21.0
14.00
0.30
19.00
CIRCUIT
100KΩ 1/4W
PANEL CUT-OUT
Snap-in mounting
Y
X (Panal thickness)
Dimension Y
Dimension Z
0.75 to 1.25 mm
19.20 +0.1/-0 mm 12.90 +0.15/-0 mm
1.25 to 2 mm
19.40 +0.1/-0 mm 12.90 +0.15/-0 mm
2 to 3 mm
19.80 +0.1/-0 mm 12.90 +0.15/-0 mm
CIRCUIT
-
+
4 Curve
(No Illuminated)
5 Curve
(Illuminated)
6 Flat
A
B
C
(No Marking)
D
E
F
ACTUATOR
ACTUATOR MARKING
TERMINAL
PANEL SIZE
B03


Similar Part No. - RK3S1P5ENAAN

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RK300A EDI-RK300A Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RK300B EDI-RK300B Datasheet
54Kb / 2P
   HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
Rohm
RK3055 ROHM-RK3055 Datasheet
135Kb / 4P
   Small switching (60V, 8A)
RK3055E ROHM-RK3055E Datasheet
135Kb / 4P
   Small switching (60V, 8A)
RK3055E ROHM-RK3055E Datasheet
95Kb / 5P
   10V Drive Nch MOS FET
More results

Similar Description - RK3S1P5ENAAN

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK4 GREATECS-RK4 Datasheet
481Kb / 1P
   21 x 15 mm SP Rocker Switches
RK2 GREATECS-RK2 Datasheet
400Kb / 1P
   21 x 15 mm Rocker Switches
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
   31.5 x 17 mm SP illuminated Rocker Switches
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
   32 x 16.5 mm SP illuminated Rocker Switches
RK6 GREATECS-RK6 Datasheet
144Kb / 1P
   21 x 9.5 mm Half Body SP Rocker Switches
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
   32 x 25 mm illuminated Rocker Switches
RK5 GREATECS-RK5 Datasheet
203Kb / 1P
   21 x 15 mm DP Rocker Switch
RK8 GREATECS-RK8 Datasheet
129Kb / 1P
   15 x 10 mm SP Ultra Miniature Rocker Switch
RK12 GREATECS-RK12 Datasheet
213Kb / 1P
   23 mm Round illuminated Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com