Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK16S1A2AAT6AGEV Datasheet(PDF) 1 Page - GREATECS

Part # RK16S1A2AAT6AGEV
Description  Sealed Sub-Miniature Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK16S1A2AAT6AGEV Datasheet(HTML) 1 Page - GREATECS

  RK16S1A2AAT6AGEV Datasheet HTML 1Page - GREATECS RK16S1A2AAT6AGEV Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sealed Sub-Miniature Rocker Switches
RK16 Series
Rocker Switches
sales@greatecs.com
www.greatecs.com
1
RK16
How to order:
1
2
POLES & SWITCH FUNCTION:
ACTUATOR
:
1
2
A1
A2
S1
S2
S3
S4
S5
S6
D1
D2
D3
D6
SP ON-NONE-ON
SP ON-NONE-MOM
SP ON-OFF-ON
SP MOM-OFF-MOM
SP ON-OFF-MOM
SP OFF-NONE-ON
DP ON-NONE-ON
DP ON-NONE-MOM
DP ON-OFF-ON
DP ON-ON-ON
ACTUATOR COLOR
3
A
F
E
Black(Std.)
Green
Yellow
4
TERMINATIONS
5
T1
T2
T5
T6
T6N
T7
T7N
VS2
V2N
Solder Lug
PC Thru Hole
Wire Wrap
PC Thru Hole Right Angle
PC Thru Hole Right Angle Snap-in
PC Thru Hole, Vertical Right Angle
PC Thru Hole ,Vertical Right Angle Snap-in
V-Bracket, Height=8.94mm
Snap-in V-Bracket, Height=8.94mm
CONTACT MATERIALS :
6
AG
AU
UT
GT
UG
UGT
Silver
Gold
Gold, Tin-Lead
Silver, Tin-Lead
Gold over Silver
Gold over SIlver, Tin-Lead
3
4
5
6
Rocker, 7.62mm wide
Rocker, 5.84mm wide
H
D
K
Grey
Orange
Brown
B
C
G
White
Red
Blue
SEAL:
7
E
Epoxy
ROHS & LEAD FREE
8
V
RoHS Compliant & Lead Free
General Specifications:
MATERIALS
» Movable Contact & Fixed Terminals:
AG, GT, UG & UGT: Silver plated over copper alloy
AU & UT: Gold over nickel plated over copper
alloy
MECHANICAL
» Operating Temperature: -30°C to +85°C
» Mechanical Life: 30,000 cycles
CONTACT RATING
» AG, GT, UG & UGT: 3A120VAC/28VDC
1A250VAC
» AU & UT: 0.4VA max. 20V max. (AC/DC)
ELECTRICAL
» Contact Resistance: 20m
max. initial @ 2-4VDC
100mA for silver & gold plated contacts
» Insulation Resistance: 1,000M
min.
7
8
RK16S1A2A_T6AGEV
RK16D1A1A_T2AUEV
RK16S1A2A_T2AUEV
RK16D1A1A_T7AUEV
RK16S1A1A_T7AGEV
RK16D1A1A_T7AUEV
RK16S1A1A_VS2AUEV
RK16D1A1A_VS2AUEV
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
UL version available
by request
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
P.C.MOUNTING
ACTUATOR MARKING
A
B
C
D
E
F
G
H


Similar Part No. - RK16S1A2AAT6AGEV

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RK16 SANKEN-RK16 Datasheet
44Kb / 2P
   Schottky Barrier Diodes 60V
logo
EIC discrete Semiconduc...
RK16 EIC-RK16 Datasheet
27Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
List of Unclassifed Man...
RK16 ETC-RK16 Datasheet
44Kb / 2P
   Schottky Barrier Diodes
logo
Sanken electric
RK16 SANKEN-RK16 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
More results

Similar Description - RK16S1A2AAT6AGEV

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
CW Industries
GRB244D8SERIES CWIND-GRB244D8SERIES Datasheet
149Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
GRB112A8SERIES CWIND-GRB112A8SERIES Datasheet
150Kb / 2P
   GRB Series Miniature Sealed Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com