Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK21S1A2B4T6GTEV Datasheet(PDF) 4 Page - GREATECS

Part # TK21S1A2B4T6GTEV
Description  Sealed Miniature SPDT Toggle Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK21S1A2B4T6GTEV Datasheet(HTML) 4 Page - GREATECS

  TK21S1A2B4T6GTEV Datasheet HTML 1Page - GREATECS TK21S1A2B4T6GTEV Datasheet HTML 2Page - GREATECS TK21S1A2B4T6GTEV Datasheet HTML 3Page - GREATECS TK21S1A2B4T6GTEV Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
T1 Solder Lug
T2 THT
T3 Quick Connect
T5 Wire Wrap
Toggle Switches
Additional Informations for TK21, 22 & 23 Series
sales@greatecs.com
www.greatecs.com
ACTUATOR OPTIONS
BUSHING OPTIONS
TERMINAL OPTIONS
3.96
1.19
2.03
1.98
THICK = 0.76
5.60
1.27
4.80
THICK = 0.76
THICK = 0.76
1.57
6.35
4.80
EPOXY
SEAL
1.91
1.27
CODE
DIM. ‘A‘
T51
18.70
T52
24.20
T53
10.55
T54
26.97
T6N
T7N
V2N
1/4-40
UNS-2B
7.92
1.57
0.74
1.65
Ø11.89
Ø10.36
THK 0.46
NUT
LOCKING RING
LOCK WASHER
12.70
Ø2.92
Ø2.67
7.62
Ø2.92
12.70
Ø2.67
7.62
A1
Standard when order with T1 &
T2 Terminations
A2
Standard with T6, T7, VS2 & VS3
Terminations
AA
ESD Plastic Actuator
AB
ESD Plastic Actuator
8.80
1/4-40
UNS-2A
0.76
6.10
B1
Standard for T1 termination
B4
Standard for T2, T6, T7 & VS Terminations
HARDWARE
A08


Similar Part No. - TK21S1A2B4T6GTEV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK210V65Z TOSHIBA-TK210V65Z Datasheet
462Kb / 10P
   MOSFETs Silicon N-Channel MOS
2020-10-16 Rev.2.0
logo
Tripath Technology Inc.
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
More results

Similar Description - TK21S1A2B4T6GTEV

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com