Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8N07BTR Datasheet(PDF) 1 Page - GREATECS

Part # TP8N07BTR
Description  3.5 x 7 mm SMT Tactile Switches with Ground Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP8N07BTR Datasheet(HTML) 1 Page - GREATECS

  TP8N07BTR Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
3.5 x 7 mm SMT Tactile Switches with Ground Terminal
TP8 Series
TP8C Ground Terminal in the Front & with Support Terminal
General Specifications:
FEATURES
» Sharp click feel with a positive tactile feedback
MATERIALS
» Contact Disc: Stainless steel with silver cladding
» Terminal: Brass with silver plated
MECHANICAL
» Stroke: 0.25 (+0.10/-0.20) mm
» Operation Temperature: -25°C to +70°C
» Storage Temperature:
-30°C to +80°C
ELECTRICAL
» Electrical Life: 50,000 cycles
» Rating: 50mA, 12VDC
» Contact Arrangement: 1 pole 1 throw
LEADFREE SOLDERING PROCESSES
Reflow Soldering: When applying reflow soldering,
the peak temperature or the reflow oven should be
set to 260°C 10 seconds max. for SMT.
TP8
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
GROUND TERMINAL & SUPPORT TERMINAL:
C
Ground Terminal in the Front & with Support Terminal
B
Ground Terminal on both Side & with Support Terminal
N Ground Terminal on both Side & without Support Terminal
DIMENSION H:
07 H = 0.7 mm
14 H = 1.4 mm
STEM COLOR & OPERATING FORCE:
B White & 160±50gf
K Brown & 160±50gf
S Salmon & 320±50gf
PACKAGE:
TR Tape & Reel
1
2
3
4
CIRCUIT DIAGRAM
1
2
3
4
0.50
3.00
5.00
5.00
0.80
0.80
7.00
7.30
P.C.B. LAYOUT
7.0±0.1
5.0±0.1
1.0
Ø0.8
1.0
T1
T4
T3
T2
9±0.5
3±0.2
5±0.1
0.30
7.0
0.50 MAX.
0.60
1.00
C0.15
H
0.5MAX.
2.20
5.50
0.70
H
1.30
C0.2
T4
T3
T2
T1
CIRCUIT DIAGRAM
P.C.B. LAYOUT
10
+0.5
-0.0
3.5
+0
-0.5
6.5
+0.5
-0
5.0
+0
-0.5
6.5±0.05
T3
T4
T2
T1
9±0.5
3±0.2
5±0.1
7.0
0.5MAX.
5.50
H
1.30
T4
T3
T2
T1
CIRCUIT DIAGRAM
P.C.B. LAYOUT
10
+0.5
-0.0
3.5
+0
-0.5
6.5
+0.5
-0
5.0
+0
-0.5
TP8B Ground Terminal on both Side & with Support Terminal
TP8N Ground Terminal on both Side & without Support Terminal
Ground Terminals
Actuators
Support Terminals
Terminals
Ground Terminals
Actuators
Support Terminals
Terminals
Actuators
Ground Terminals
Terminals
General Tolerance: ± 0.2 mm
E08
Tactile Switches
7.2 x 7.2 mm Sealed Tactile Switches
TP7 Series
General Specifications:
FEATURES
» Positive tactile feedback
» Sealed against flux soldering
» Unique dust-proof construction
MATERIALS
» Contact: Stainless steel / Phosphor bronze
MECHANICAL
» Travel: 0.25 ± 0.1 mm
» Operating Life: 1,000,000 cycles for stain
less contact; 100,000 cycles for phosphor
contact
ELECTRICAL
» Rating: DC 12V 50mA
» Contact Resistance: 100mΩ max.
TP7
How to order:
1
2
3
sales@greatecs.com
www.greatecs.com
TP7T THT Terminals without Earth
TP7TE THT Terminals with Earth
TP7S SMT Terminals
TP7RT THT Terminals Right Angle
7.2
Ø3.0
Ø4.6
7.6
Ø3.0
9.0
CIRCUIT
7.62
PCB LAYOUT
Ø0.9
7.2
Ø3.0
Ø4.6
7.6
Ø3.0
9.0
3.8
7.62
PCB LAYOUT
Ø0.9
CIRCUIT
7.2
8.4
Ø3.0
10.0
0.1mm COPLANER
12.0
9.2
PCB LAYOUT
CIRCUIT
8.0
0.3
5.1
7.7
L
4.2
0.3
0.8
1.8 2.54
PCB LAYOUT
7.62
5.08
CIRCUIT
T
TE
S
RT
47
52
69
10
TYPE OF TERMINALS:
THT Terminals without Earth
THT Terminals with Earth
SMT Terminals
THT Terminals Right Angle
KNOB HEIGHT (L):
L = 4.7 mm
L = 5.2 mm
L = 6.9 mm
L = 10 mm
L
N
M
H
BK
TB
OPERATING FORCE:
130 gf
160 gf
250 gf
300 gf
PACKAGING:
Box
Tube
1
2
3
4
4
E07


Similar Part No. - TP8N07BTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP8N685K020C VISHAY-TP8N685K020C Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TP8N685M020C VISHAY-TP8N685M020C Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
More results

Similar Description - TP8N07BTR

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
   6 x 6 mm THT Tactile Switches with Ground Terminal
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
   12 x 12 mm THT Tactile Switches with Ground Terminal
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
   Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
GREATECS
STA GREATECS-STA Datasheet
167Kb / 1P
   4 x 3 mm Miniature SMT Tactile Switches
logo
List of Unclassifed Man...
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
   Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
GREATECS
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
   6x6 mm SMT Halogen-Free Tactile Switches
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
logo
Tyco Electronics
2-1437565-7 MACOM-2-1437565-7 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com