Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPK Datasheet(PDF) 2 Page - GREATECS

Part # TPK
Description  Tactile Switches with LED (two colors available)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TPK Datasheet(HTML) 2 Page - GREATECS

  TPK Datasheet HTML 1Page - GREATECS TPK Datasheet HTML 2Page - GREATECS TPK Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tactile Switches
Tactile Switches with LED (two colors available)
TPK Series
sales@greatecs.com
www.greatecs.com
2
Code
Housing
Cap
LED 1
LED 2
Std. packing
(PCS)
.
TPKTNANNRFNN
none
none
pure green
none
3400
TPKTNANNUGNN
none
none
blue
none
3400
TPKTNANNUBNN
none
none
white
none
3400
TPKTNANNUFNN
none
none
green
none
3400
TPKTNANNUCNN
none
none
red
none
3400
TPKTNANNUENN
none
none
yellow
none
3400
TPKTNANNUCUF
none
none
red
green
3400
TPKTNANNUCUE
none
none
red
yellow
3400
TPKTNANNUFUE
none
none
green
yellow
3400
Code
Housing
Cap
LED 1
LED 2
Std. packing
(PCS)
TPKTNBNNRFNN
none
none
pure green
none
3400
TPKTNBNNUGNN
none
none
blue
none
3400
TPKTNBNNUBNN
none
none
white
none
3400
TPKTNBNNUFNN
none
none
green
none
3400
TPKTNBNNUCNN
none
none
red
none
3400
TPKTNBNNUENN
none
none
yellow
none
3400
TPKTNBNNUCUF
none
none
red
green
3400
TPKTNBNNUCUE
none
none
red
yellow
3400
TPKTNBNNUFUE
none
none
green
yellow
3400
Code
Housing
(square)
Cap
(square)
LED 1
LED 2
Std. packing
(PCS)
TPKTSHHRFNN
gray
gray
pure green
none
3400
TPKTSHHUGNN
gray
gray
blue
none
3400
TPKTSHHUBNN
gray
gray
white
none
3400
TPKTSHHUFNN
gray
gray
green
none
3400
TPKTSHHUCNN
gray
gray
red
none
3400
TPKTSHHUENN
gray
gray
yellow
none
3400
TPKTSHHUCUF
gray
gray
red
green
3400
TPKTSHHUCUE
gray
gray
red
yellow
3400
TPKTSHHUFUE
gray
gray
green
yellow
3400
Code
Housing
(round)
Cap
(round)
LED 1
LED 2
Std. packing
(PCS)
TPKTRAARFNN
black
black
pure green
none
3400
TPKTRAAUGNN
black
black
blue
none
3400
TPKTRAAUBNN
black
black
white
none
3400
TPKTRAAUFNN
black
black
green
none
3400
TPKTRAAUCNN
black
black
red
none
3400
TPKTRAAUENN
black
black
yellow
none
3400
TPKTRAAUCUF
black
black
red
green
3400
TPKTRAAUCUE
black
black
red
yellow
3400
TPKTRAAUFUE
black
black
green
yellow
3400
TPKTNANN _ _ _ _
TPKTNBNN _ _ _ _
TPKTSHH _ _ _ _
TPKTRAA_ _ _ _


Similar Part No. - TPK

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPK TOPPOWER-TPK Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK TOPPOWER-TPK Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK0303SA TOPPOWER-TPK0303SA Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results

Similar Description - TPK

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
   SPST SMT Tactile Switches with LED
TPO GREATECS-TPO Datasheet
365Kb / 1P
   SPST THT Tactile Switches with LED
TPI GREATECS-TPI Datasheet
390Kb / 2P
   SPST THT Tactile Switches with LED
TPN GREATECS-TPN Datasheet
325Kb / 1P
   SPST THT Tactile Switches with LED
logo
Mitsumi Electronics, Co...
SOE-222HST MITSUMI-SOE-222HST Datasheet
70Kb / 2P
   With Button Tactile Switches
SOF MITSUMI-SOF Datasheet
257Kb / 2P
   Tactile Switches With Button
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com