Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP6S43BTR Datasheet(PDF) 1 Page - GREATECS

Part # TP6S43BTR
Description  6 x 3.5 mm Tactile Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP6S43BTR Datasheet(HTML) 1 Page - GREATECS

  TP6S43BTR Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
6 x 3.5 mm Tactile Switches
TP6 Series
TP6H Thru Hole Type
General Specifications:
FEATURES
» Sharp click feel with a positive tactile feedback
MATERIALS
» Contact Disc: Stainless steel with silver cladding
» Terminal: Brass with silver plated
MECHANICAL
» Stroke: 0.25 (+0.20/-0.10) mm
» Operation Temperature: -25°C to +70°C
» Storage Temperature:
-30°C to +80°C
ELECTRICAL
» Electrical Life: 50,000 cycles for 160gf & 320gf
30,000 cycles for 260gf & 520gf
» Rating: 50mA, 12VDC
» Contact Arrangement: 1 pole 1 throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature
at 260°C max. 5 seconds subject to PCB 1.6mm
thickness (for THT).
» Reflow Soldering: When applying reflow soldering,
the peak temperature or the reflow oven should be
set to 260°C max. 10 seconds (for SMT).
TP6
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
3.00
6.50±0.50
7.90±0.50
0.25
1.50
1.00
20°
CIRCUIT DIAGRAM
3.00
(7.20)
30°
1.50
1.00
P.C.B. LAYOUT
7.40
3.40
P.C.B. LAYOUT
9.50
6.40
3.00
9.00
1.50
1.00
TYPE OF TERMINALS:
H
THT
B
SMT Bending
S
SMT Flat
DIMENSION H:
43 H = 4.3 mm
50 H = 5.0 mm
STEM COLOR / OPERATING FORCE:
K
Brown / 160±50 gf
C
Red / 260±50 gf
B
Salmon / 320±80 gf
E
Yellow / 520±130 gf
PACKAGE:
BK Bag (TP6H Only)
TB Tube
TR Tape & Reel
1
2
3
4
P.C.B. LAYOUT
6.50±0.10
1.3±0.05
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
TP6B Surface Mounting Bending Type
TP6S Surface Mounting Type
6.0
6.0
6.0
General Tolerance: ± 0.2 mm
E06


Similar Part No. - TP6S43BTR

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TP6 TIMOTION-TP6 Datasheet
250Kb / 3P
   Max. output 31.5V DC, 12A
20210527-C
logo
3PEAK INC.
TP6001 3PEAK-TP6001 Datasheet
944Kb / 17P
   1MHz, 80關A, RRIO, Op Amps
TP6001-CR 3PEAK-TP6001-CR Datasheet
944Kb / 17P
   1MHz, 80關A, RRIO, Op Amps
TP6001-TR 3PEAK-TP6001-TR Datasheet
944Kb / 17P
   1MHz, 80關A, RRIO, Op Amps
TP6001R 3PEAK-TP6001R Datasheet
944Kb / 17P
   1MHz, 80關A, RRIO, Op Amps
More results

Similar Description - TP6S43BTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
   Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
   Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
Tyco Electronics
2-1437565-7 MACOM-2-1437565-7 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM2JSMA MACOM-FSM2JSMA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
4-1437565-2 MACOM-4-1437565-2 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-9 MACOM-2-1437565-9 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSMSM MACOM-FSMSM Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
2-1437565-1 MACOM-2-1437565-1 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com