Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZN4496 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZN4496
Description  3.3 ??200 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN4496 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZN4496 Datasheet HTML 1Page - Solid States Devices, Inc SZN4496 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1/
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2/
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3/
Ratings based on maximum zener voltage of individual units (leaded units).
4/
Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square pulse rating is 71% of the value shown.
5/
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
6/
For Ordering Information, Price, and Availability- Contact Factory.
7/
Screening based on MIL-PRF-19500. Screening flows available on request.
8/
Voltages are shown for 5% tolerance devices.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZN4460 thru SZN4496 Series
And
SZN6485 thru SZN6491 Series
Electrical Characteristics @ 25°C
Nominal
Zener
Voltage
(note 1)
Zener
Test
Current
Maximum
Zener
Impedance
(note 2)
Maximum Knee
Impedance
Maximum Reverse
Leakage Current
Maximum
Continuous
Current
(note 3)
Maximum
Surge
Current
(note 4)
PART
NUMBER
VZ @ IZT
IZT
ZZ @ IZT
ZZK @ IZK
IR @ VR
VR (note 8)
IZM
IZSM
VOLT
mA
Ohms
Ohms
mA
µA
Volts
mA
Amps
SZN6485
SZN6486
SZN6487
SZN6488
SZN6489
SZN6490
SZN6491
3.3
3.6
3.9
4.3
4.7
5.1
5.6
76
69
64
58
53
49
45
10
10
9
9
8
7
5
400
400
400
400
500
500
600
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50
50
35
5.0
4.0
1.0
0.5
1.0
1.0
1.0
1.0
1.0
1.0
2.0
433
397
366
332
304
280
255
4.2
3.9
3.6
3.3
3.0
2.7
2.5
SZN4460
SZN4461
SZN4462
SZN4463
SZN4464
6.2
6.8
7.5
8.2
9.1
40.0
37.0
34.0
31.0
28.0
4
2.5
2.5
3
4
200
200
400
400
500
1.0
1.0
.5
.5
.5
10.0
5.0
1.0
.50
.30
3.72
4.08
4.50
4.92
5.46
230
210
191
174
157
2.3
2.1
1.9
1.7
1.6
SZN4465
SZN4466
SZN4467
SZN4468
SZN4469
10.0
11.0
12.0
13.0
15.0
25.0
23.0
21.0
19.0
17.0
5
6
7
8
9
500
550
550
550
600
.25
.25
.25
.25
.25
.30
.30
.20
.05
.05
8.00
8.80
9.60
10.40
12.00
143
130
119
110
95
1.4
1.3
1.2
1.1
.95
SZN4470
SZN4471
SZN4472
SZN4473
SZN4474
16.0
18.0
20.0
22.0
24.0
15.5
14.0
12.5
11.5
10.5
10
11
12
14
16
600
650
650
650
700
25
.25
.25
.25
.25
.05
.05
.05
.05
.05
12.80
14.40
16.00
17.60
19.20
90
79
71
65
60
.90
.79
.71
.65
.60
SZN4475
SZN4476
SZN4477
SZN4478
SZN4479
27.0
30.0
33.0
36.0
39.0
9.5
8.5
7.5
7.0
6.5
18
20
25
27
30
700
750
800
850
900
.25
.25
.25
.25
.25
.05
.05
.05
.05
.05
21.60
24.00
26.40
28.80
31.2
53
48
43
40
37
.53
.48
.43
.40
.37
SZN4480
SZN4481
SZN4482
SZN4483
SZN4484
43.0
47.0
51.0
56.0
62.0
6.0
5.5
5.0
4.5
4.0
40
50
60
70
80
950
1000
1100
1300
1500
.25
.25
.25
.25
.25
.05
.05
.05
.25
.25
34.4
37.6
40.8
44.8
49.6
33
30
28
26
23
.33
.30
.28
.26
.23
SZN4485
SZN4486
SZN4487
SZN4488
SZN4489
68.0
75.0
82.0
91.0
100.0
3.7
3.3
3.0
2.8
2.5
100
130
160
200
250
1700
2000
2500
3000
3100
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
54.4
60.4
65.6
72.8
80.8
21
19
17
16
14
.21
.19
.17
.16
.14
SZN4490
SZN4491
SZN4492
SZN4493
SZN4494
110.0
120.0
130.0
150.0
160.0
2.0
2.0
1.9
1.7
1.6
300
400
500
700
1000
4000
4500
5000
6000
6500
.25
.25
.25
.25
.25
.25
.25
.25
.25
.25
88.0
96.0
104.0
120.0
128.0
13
12
11
9.5
8.9
.13
.12
.11
.095
.089
SZN4495
SZN4496
180.0
200.0
1.4
1.2
1300
1500
7000
8000
.25
.25
25
.25
144.0
160.0
7.9
7.2
.079
.072
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00008G
DOC


Similar Part No. - SZN4496

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZN4496

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3_1 Datasheet
122Kb / 2P
   3.3 ??100 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
   1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com