Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP5N4CBKK12SC Datasheet(PDF) 1 Page - GREATECS

Part # TP5N4CBKK12SC
Description  12 x 12 mm THT Tactile Switches with Ground Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP5N4CBKK12SC Datasheet(HTML) 1 Page - GREATECS

  TP5N4CBKK12SC Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
12 x 12 mm THT Tactile Switches with Ground Terminal
TP5 Series
TP5
How to order:
1
2
3
4
6
sales@greatecs.com
www.greatecs.com
K12S Square Caps
5
(Caps)
+
K12R Round Caps
R 1.0
12±0.15
10±0.15
2.0
3.20±0.10
3.80±0.10
4 x R1.0
Ø 11.5±0.15
R 1.0
R 0.5
2.0
Ø13±0.15
3.20±0.10
3.80±0.10
Ø10±0.15
General Tolerance: ± 0.2 mm
General Specifications:
MATERIALS
» Contact Disc: Phosphor Bronze with silver cladding
» Terminal: Brass with silver plated
MECHANICAL
» Stroke: 0.35 ± 0.1 mm
» Operation Temperature: -25°C to +70°C
» Storage Temperature: -30°C to +80°C
ELECTRICAL
» Electrical Life: 100,000 cycles for 320gf & 260gf
200,000 cycles for 160gf
» Rating: 50mA, 12VDC
» Contact Arrangement: 1 pole 1 throw
LEADFREE SOLDERING PROCESSES
» Wave Soldering: Recommended solder temperature
at 260°C max. 5 seconds subject to PCB 1.6mm
thickness.
N
P
1
4
5
K
C
J
BK
GROUND TERMINAL & POST:
With Ground Terminal, without Post
(Standard)
With Ground Terminal, with Post
DIMENSION H:
H=4.3mm (Round Stem)
H=7.3mm (Square Stem 3.8mm)
H=8.5mm (Round Stem)
STEM COLOR & OPERATING FORCE:
Brown & 160±50gf
Red & 260±50gf
Salmon & 320±80gf
PACKAGE STYLE:
Bulk Pack
K12S
K12R
A
B
C
E
F
G
H
S
Optional:
CAP TYPE
(For Square Stems Only):
Square Caps
Round Caps
COLOR OF CAPS:
Black
Ivory
Red
Yellow
Green
Blue
Gray
Salmon
1
2
3
4
5
6
TP5N Without Post
12
Ø7.10
0.90±0.20
12.50±0.50
13.90±0.50
0.30
CIRCUIT DIAGRAM
P.C.B. LAYOUT
12.50±0.10
Ø1.20±0.05
3.8
3.0
1.0
TP5P With Post
12
Ø7.10
0.90
12.50±0.50
13.90±0.50
0.30
P.C.B. LAYOUT
12.50±0.10
Ø1.20±0.05
Ø1.80±0.05
CIRCUIT DIAGRAM
9.0±0.20
3.8
3.0
9.0±0.10
1.0
15°
Round Stem
Square Stem for Caps
Round Stem
Square Stem for Caps
E05
Individual stem heights available by request


Similar Part No. - TP5N4CBKK12SC

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
TP5.0SMDJ ANOVA-TP5.0SMDJ Datasheet
417Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TP5.0SMDJ UNSEMI-TP5.0SMDJ Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Anova Technologies CO.,...
TP5.0SMDJ10A ANOVA-TP5.0SMDJ10A Datasheet
417Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
TP5.0SMDJ10A UNSEMI-TP5.0SMDJ10A Datasheet
2Mb / 6P
   10 To 58V 5000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Anova Technologies CO.,...
TP5.0SMDJ10CA ANOVA-TP5.0SMDJ10CA Datasheet
417Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - TP5N4CBKK12SC

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
   6 x 6 mm THT Tactile Switches with Ground Terminal
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
TPO GREATECS-TPO Datasheet
365Kb / 1P
   SPST THT Tactile Switches with LED
TPI GREATECS-TPI Datasheet
390Kb / 2P
   SPST THT Tactile Switches with LED
TPN GREATECS-TPN Datasheet
325Kb / 1P
   SPST THT Tactile Switches with LED
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
   Tactile Switches 3.0 mm x 2.0 mm SMD
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
   Tactile Switches 2.6 mm x 1.6 mm SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com