Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP1H3CSTB Datasheet(PDF) 2 Page - GREATECS

Part # TP1H3CSTB
Description  Standard 6 x 6 mm Tactile Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP1H3CSTB Datasheet(HTML) 2 Page - GREATECS

  TP1H3CSTB Datasheet HTML 1Page - GREATECS TP1H3CSTB Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tactile Switches
Standard 6 x 6 mm Tactile Switches
TP1 Series
sales@greatecs.com
www.greatecs.com
MATERIAL
Base:
UL94V-0 Nylon Thermoplastic (TP1H)
UL94V-0 Nylon High-Temp. Thermoplastic (TP1S)
Cover:
Stainless steel
Stem:
UL94V-0 Nylon Thermoplastic (TP1H)
UL94V-0 Nylon High-Temp. Thermoplastic (TP1S)
Color: Black(100gf) , Brown(160gf) , Red(260gf) , Salmon(320gf) , Yellow(520gf)
Contact Disc:
Phosphor bronze with silver cladding (TP1H)
Stainless Steel (TP1S)
Terminal:
Brass with silver plated
ADDITIONAL ELECTRICAL SPECIFICATIONS
Contact Resistance:
100m
max.
Insulation Resistance:
100M
min. 500VDC
Dielectric Strength:
250 VAC / 1 minute
SOLDERING PROCESS
TP1H:
Reflow Temperature Profile: (reference)
WAVE SOLDERING: Recommended solder temperature
at 500°F(260)max. 5 seconds subject to PBC 1.6mm
thickness ( For through hole type )
Hand soldering: Use a soldering iron of 30 watts
controlled at 350°C approximately max 5 seconds while
applying solder.
TP1S:
HAND SOLDERING : Use a soldering iron of 30 watts,
controlled at 350 approximately 5 seconds while
applying solder.
REFLOW SOLDERING: When applying reflow soldering,
the peak temperature or the reflow oven should be set to
260°C max.
PACKING UNIT
Partnumber
No. / Bag
Partnumber
No. / Tube
Partnumber
No. / Reel
TP1H_ _BK
1000
TP1H1_TB
77
TP1S1_TR
1000
TP1H2_TB
77
TP1S2_TR
900
TP1S1_TB
77
TP1S3_TR
700
TP1S2_TB
77
TP1S44_TR
500
TP1S3_TB
77
TP1S48_TR
500
TP1S44_TB
77
TP1S5_TR
380
TP1S48_TB
77
TP1S5_TB
77
TP1S6_TB
77


Similar Part No. - TP1H3CSTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Copal Electronics
TP1-01 COPAL-TP1-01 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TP1-01-L2 COPAL-TP1-01-L2 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TP1-01-L5 COPAL-TP1-01-L5 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
More results

Similar Description - TP1H3CSTB

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
   6 x 6 mm THT Tactile Switches with Ground Terminal
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
   Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
SWTW BITECH-SWTW Datasheet
232Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
TT Electronics.
SWTW TTELEC-SWTW Datasheet
170Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
logo
TT Electronics.
SWT3 TTELEC-SWT3 Datasheet
359Kb / 5P
   Model SWT3 Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
Tyco Electronics
2-1437565-7 MACOM-2-1437565-7 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
4-1437565-2 MACOM-4-1437565-2 Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com