Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP57H73CTRK12RA Datasheet(PDF) 2 Page - GREATECS

Part # TP57H73CTRK12RA
Description  12 x 12 mm Washable Halogen-Free Tactile Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP57H73CTRK12RA Datasheet(HTML) 2 Page - GREATECS

  TP57H73CTRK12RA Datasheet HTML 1Page - GREATECS TP57H73CTRK12RA Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tactile Switches
12 x 12 mm Washable Halogen-Free Tactile Switches
TP57 Series
sales@greatecs.com
www.greatecs.com
2
SOLDERING PROCESS
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec
»
)max. 5 seconds
subject to PCB 1.6mm thickness (soldering for through hole type).
»
5 seconds while applying solder.
» Reflow Soldering : When applying reflow soldering, the peak temperature
or the reflow oven should be set to 260°C max.
» Temperature Profile :
OPTIONAL CAPS


Similar Part No. - TP57H73CTRK12RA

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP57-A ASTRODYNE-TP57-A Datasheet
1Mb / 4P
   75W Triple Output with PFC Function
logo
National Semiconductor ...
TP5700A NSC-TP5700A Datasheet
185Kb / 8P
   Telephone Speech Circuit
TP5700AM NSC-TP5700AM Datasheet
185Kb / 8P
   Telephone Speech Circuit
TP5700AN NSC-TP5700AN Datasheet
185Kb / 8P
   Telephone Speech Circuit
More results

Similar Description - TP57H73CTRK12RA

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
   6x6 mm SMT Halogen-Free Tactile Switches
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
   12 x 12 mm THT Tactile Switches with Ground Terminal
logo
Grayhill, Inc
95C06A2GWRT GRAYHILL-95C06A2GWRT Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
logo
GREATECS
TP89 GREATECS-TP89 Datasheet
225Kb / 3P
   5x5mm SMT Halogen-Free Tactile Switches
logo
Grayhill, Inc
95C12A3GWRT GRAYHILL-95C12A3GWRT Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
95C04A3GWRT GRAYHILL-95C04A3GWRT Datasheet
94Kb / 1P
   Non-Washable Tactile Switches
95C06A2RAT GRAYHILL-95C06A2RAT Datasheet
267Kb / 3P
   Non-Washable Tactile Switches
logo
TT Electronics.
SWTW TTELEC-SWTW Datasheet
170Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com