Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFM05S090-M Datasheet(PDF) 2 Page - Make-Ps

Part # CFM05S090-M
Description  Single Output AC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

CFM05S090-M Datasheet(HTML) 2 Page - Make-Ps

  CFM05S090-M Datasheet HTML 1Page - Make-Ps CFM05S090-M Datasheet HTML 2Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
CFM05M Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 85~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………….………….................... 40A max. @240Vac
Leakage Current …………………………………………….…… 100uA max.
OUTPUT SPECIFICATIONS:
Holdup Time ……………………………………………… 8mS typ. @115Vac
Short Circuit Protection …………………………Continuous(Auto Recovery)
Over Voltage Protection ……………................... TVS Component to Clamp
Temperature Coefficient ……………………............................… ±0.05%/℃
GENERAL SPECIFICATIONS:
SAFETY AND EMC:
Isolation ……………………………………..……. Input to output = 5,656VDC
Emission and Immunity ……………....… EN55011 Class B, EN60601-1-2
Operating Temperature ............................ 0
~
85℃ (see derating curve)
EN61000-3-2, EN61000-3-3
Storage Temperature ……………………………...….......……........ -20~85℃
Safety ……………………………….. IEC60601-1, EN60601-1, UL60601-1
Humidity ...................................................... 93% RH max. Non condensing
NOTE:
Cooling …………………………………..……………….. Natural Convection
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Switching Frequency ………………………….................. 60KHz Typical
Ripple & Noise measuring @20MHz BW.
MTBF …..…… MIL-HDBK-217F, GB, at 25
/115VAC
…… 200K hrs min.
2. Line regulation is measured from 100Vac to 240Vac with full load.
Altitude ……………………..………………...………………………….. 2000m
3. Load regulation is measured from 10% to 100% full load.
Dimensions …….…….. 2.165x1.378x0.827inches (55.00x35.00x21.00mm)
Weight ……………………………………………………... 35g (0.08 Pounds)
CFM05M
Series
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
ACN
ACL
+Vo
VR
-Vo
0%
25%
50%
75%
100%
0
10
20
30
4050
607080
90
Ambient Temperature(
oC)
20LFM(Natural Convection)
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
www.make-ps.com
E-mail:info@make-ps.com
2/2


Similar Part No. - CFM05S090-M

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFM05S090 CINCON-CFM05S090 Datasheet
237Kb / 2P
   5 WATT OPEN FRAME AC-DC MODULES
More results

Similar Description - CFM05S090-M

ManufacturerPart #DatasheetDescription
logo
Make-Ps
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
   Single Output AC/DC Converter
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
   7W Single Output AC/DC converter
logo
PEAK electronics GmbH
PPM03-S-05ELF PEAK-PPM03-S-05ELF Datasheet
99Kb / 3P
   3 W AC/DC CONVERTER SINGLE OUTPUT
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
Wall Industries,Inc.
PSLH WALL-PSLH Datasheet
1Mb / 11P
   5-25 Watts AC/DC Converter Single Output
logo
PEAK electronics GmbH
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
   5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
logo
Chinfa Electronics Ind....
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com