Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6641-500EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD6641-500EBZ
Description  250 MHz Bandwidth DPD Observation Receiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6641-500EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6641-500EBZ Datasheet HTML 3Page - Analog Devices AD6641-500EBZ Datasheet HTML 4Page - Analog Devices AD6641-500EBZ Datasheet HTML 5Page - Analog Devices AD6641-500EBZ Datasheet HTML 6Page - Analog Devices AD6641-500EBZ Datasheet HTML 7Page - Analog Devices AD6641-500EBZ Datasheet HTML 8Page - Analog Devices AD6641-500EBZ Datasheet HTML 9Page - Analog Devices AD6641-500EBZ Datasheet HTML 10Page - Analog Devices AD6641-500EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD6641
Rev. 0 | Page 7 of 28
AD6641-500
Parameter1
Temp
Min
Typ
Max
Unit
LOGIC OUTPUTS
DDR LVDS Mode (PCLK±, PD[5:0]±, PDOR±)
Logic Compliance
Full
LVDS
VOD Differential Output Voltage
Full
247
454
mV
VOS Output Offset Voltage
Full
1.125
1.375
V
Parallel CMOS Mode (PCLK±, PD[11:0])
Logic Compliance
Full
CMOS
High Level Output Voltage
Full
DRVDD − 0.05
V
Low Level Output Voltage
Full
DRGND + 0.05
V
Output Coding
Twos complement, Gray code, or offset binary (default)
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were
completed.
2 5 pF loading.
SWITCHING SPECIFICATIONS
AVDD = 1.9 V, DRVDD = 1.9 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.5 V, unless otherwise noted.
Table 4.
AD6641-500
Parameter1
Temp
Min
Typ
Max
Unit
OUTPUT DATA RATE
Maximum Output Data Rate (Decimate by 8 at 500 MSPS Sample Rate, Parallel CMOS
or DDR LVDS Mode Interface)
Full
62.5
MHz
Maximum Output Data Rate (Decimate by 8 at 500 MSPS Sample Rate, SPORT Mode)
Full
62.5
MHz
PULSE WIDTH/PERIOD (CLK±)
CLK± Pulse Width High (tCH)
Full
1
ns
CLK± Pulse Width Low (tCL)
Full
1
ns
Rise Time (tR) (20% to 80%)
25°C
0.2
ns
Fall Time (tF) (20% to 80%)
25°C
0.2
ns
PULSE WIDTH/PERIOD (PCLK±, DDR LVDS MODE)
PCLK± Pulse Width High (tPCLK_CH)
Full
8
ns
PCLK± Period (tPCLK)
Full
16
ns
Propagation Delay (tCPD, CLK± to PCLK±)
Full
±0.1
ns
Rise Time (tR) (20% to 80%)
25°C
0.2
ns
Fall Time (tF) (20% to 80%)
25°C
0.2
ns
Data to PCLK Skew (tSKEW)
Full
0.2
ns
SERIAL PORT OUTPUT TIMING2
SP_SDFS Propagation Delay (tDSDFS)
Full
3
ns
SP_SDO Propagation Delay (tDSDO)
Full
3
ns
SERIAL PORT INPUT TIMING
SP_SDFS Setup Time (tSSF)
Full
2
ns
SP_SDFS Hold Time (tHSF)
Full
2
ns
FILL± INPUT TIMING
FILL± Setup Time (tSfill)
Full
0.5
ns
FILL± Hold Time (tHfill)
Full
0.7
ns
APERTURE DELAY (tA)
25°C
0.85
ns
APERTURE UNCERTAINTY (JITTER, tJ)
25°C
80
fs rms
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were
completed.
2 5 pF loading.


Similar Part No. - AD6641-500EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
   Monolithic 12-Bit Quad DAC
REV. C
AD664 AD-AD664 Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640 Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
1Mb / 25P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
More results

Similar Description - AD6641-500EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6688 AD-AD6688 Datasheet
2Mb / 138P
   RF Diversity and 1.2 GHz Bandwidth Observation Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
   4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
logo
API Technologies Corp
SF0250BA02425S APITECH-SF0250BA02425S Datasheet
181Kb / 3P
   250 MHz SAW Filter 80 MHz Bandwidth
logo
Analog Devices
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
   Integrated Dual RF Transmitter, Receiver, and Observation Receiver
logo
Renesas Technology Corp
F1358 RENESAS-F1358 Datasheet
2Mb / 38P
   Zero-DistortionTM, Glitch-FreeTM , DPD Receiver
une 2015
logo
API Technologies Corp
SF0070CF51541T APITECH-SF0070CF51541T Datasheet
193Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51541T ICST-SF0070CF51541T Datasheet
189Kb / 2P
   70 MHz Filter 250 kHz Bandwidth
SF0140CF51900T ICST-SF0140CF51900T Datasheet
190Kb / 2P
   140 MHz Filter 250 kHz Bandwidth
logo
Analog Devices
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
   Integrated Dual RF Transmitters and Observation Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com