Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6649 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6649
Description  IF Diversity Receiver IF sampling frequencies to 400 MHz
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649 Datasheet(HTML) 5 Page - Analog Devices

  AD6649 Datasheet HTML 1Page - Analog Devices AD6649 Datasheet HTML 2Page - Analog Devices AD6649 Datasheet HTML 3Page - Analog Devices AD6649 Datasheet HTML 4Page - Analog Devices AD6649 Datasheet HTML 5Page - Analog Devices AD6649 Datasheet HTML 6Page - Analog Devices AD6649 Datasheet HTML 7Page - Analog Devices AD6649 Datasheet HTML 8Page - Analog Devices AD6649 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD6649
Rev. 0 | Page 5 of 40
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input,1 1.75 V p-p full-scale input range,
DCS enabled, NCO enabled, FIR filter enabled, unless otherwise noted.
Table 2.
Parameter2
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)3
fIN = 30 MHz
25°C
74.5
dBFS
fIN = 90 MHz
25°C
74.2
dBFS
fIN = 140 MHz
25°C
73.9
dBFS
fIN = 185 MHz
25°C
73.4
dBFS
Full
70.9
dBFS
fIN = 220 MHz
25°C
72.9
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 30 MHz
25°C
73.4
dBFS
fIN = 90 MHz
25°C
73.0
dBFS
fIN = 140 MHz
25°C
72.3
dBFS
fIN = 185 MHz
25°C
71.7
dBFS
Full
68.7
dBFS
fIN = 220 MHz
25°C
71.0
dBFS
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz
25°C
−92
dBc
fIN = 90 MHz
25°C
−88
dBc
fIN = 140 MHz
25°C
−85
dBc
fIN = 185 MHz
25°C
−85
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−89
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz
25°C
92
dBc
fIN = 90 MHz
25°C
88
dBc
fIN = 140 MHz
25°C
85
dBc
fIN = 185 MHz
25°C
85
dBc
Full
80
fIN = 220 MHz
25°C
84
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 30 MHz
25°C
−95
dBc
fIN = 90 MHz
25°C
−94
dBc
fIN = 140 MHz
25°C
−93
dBc
fIN = 185 MHz
25°C
−93
dBc
Full
−80
dBc
fIN = 220 MHz
25°C
−84
dBc
TWO-TONE SFDR
fIN = 184.12 MHz, 187.12 MHz (−7 dBFS)
25°C
88
dBc
CROSSTALK4
Full
95
dB
ANALOG INPUT BANDWIDTH
25°C
1000
MHz
1 A −1.0 dBFS input level at the analog inputs corresponds to an output level of −2.5 dBFS when using the fixed-frequency NCO and 95 MHz FIR filter. When using the
tunable-frequency NCO and 100 MHz FIR filter, the output level is −1.3 dBFS. These respective output level reductions are due to FIR filter losses. See the
section for more details.
FIR Filters
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
3 SNR specifications are for filtered 95 MHz bandwidth.
4 Crosstalk is measured at 100 MHz with −1 dBFS on one channel and with no input on the alternate channel.


Similar Part No. - AD6649

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6649BCPZ AD-AD6649BCPZ Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6649BCPZ AD-AD6649BCPZ Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6649BCPZRL7 AD-AD6649BCPZRL7 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6649BCPZRL7 AD-AD6649BCPZRL7 Datasheet
1Mb / 41P
   IF Diversity Receiver
More results

Similar Description - AD6649

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com