Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4096-2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4096-2
Description  36V, Micropower, Overvoltage Protection, Rail-to-Rail I/O Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4096-2 Datasheet HTML 1Page - Analog Devices ADA4096-2 Datasheet HTML 2Page - Analog Devices ADA4096-2 Datasheet HTML 3Page - Analog Devices ADA4096-2 Datasheet HTML 4Page - Analog Devices ADA4096-2 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ADA4096
Preliminary Technical Data
Rev. PrB | Page 4 of 5
ELECTRICAL CHARACTERISTICS – VS = ±1.5V
VS = ±1.5 V, VCM = Vs/2, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
35
250
V
°0C < TA < +125°C
−40°C < TA < +125°C
350
900
V
 V
Input Bias Current
IB
±10
±13
nA
−40°C < TA < +125°C
±16
nA
Input Offset Current
IOS
±0.1
±1.5
nA
−40°C < TA < +125°C
±3
nA
Input Voltage Range
−40°C < TA < +125°C
-1.5
+1.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to ±1.5 V
63
77
dB
−40°C < TA < +125°C
58
dB
Large Signal Voltage Gain
AVO
-1.4 < VOUT < +1.4,RL = 10k
92
94
dB
−40°C < TA < +125°C
-1.3 < VOUT < +1.3, RL = 2k
−40°C < TA < +125°C
84
88
77
92
dB
dB
dB
Offset Voltage Drift
V
OS
/
T
−40°C < TA < +125°C
1
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to GND
1.48
1.49
V
−40°C < TA < +125°C
1.45
V
RL = 2 kΩ to GND
1.45
1.46
V
−40°C < TA < +125°C
1.40
V
Output Voltage Low
VOL
RL = 10 kΩ to GND
-1.49
-1.48
V
−40°C < TA < +125°C
-1.45
V
RL = 2 kΩ to GND
-1.48
-1.47
V
−40°C < TA < +125°C
-1.40
V
Short Circuit Limit
ISC
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 3 V to 36 V
100
dB
−40°C to +125°C
90
dB
Supply Current/Amplifier
ISY
VO = VS /2
40
μA
−40°C < TA < +125°C
80
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
0.25
V/μs
Unity Gain Crossover
Gain Bandwidth Product
-3dB Small Signal Bandwidth
UGC
GBP
Vp = 5mV ; RL= 10k ; Av=1
Vp = 5mV ; RL= 10k ; Av=40dB
475
475
kHz
kHz
kHz
Phase Margin
ФM
60
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 to 10 Hz
TBD
μV p-p
Voltage Noise Density
en
f = 1 kHz
TBD
nV/√Hz
Current Noise Density
in
f = 1 kHz
TBD
fA/√Hz


Similar Part No. - ADA4096-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4096-2 AD-ADA4096-2 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
ADA4096-2ACPZ-R7 AD-ADA4096-2ACPZ-R7 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
ADA4096-2ACPZ-R7 AD-ADA4096-2ACPZ-R7 Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
ADA4096-2ACPZ-RL AD-ADA4096-2ACPZ-RL Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
ADA4096-2ACPZ-RL AD-ADA4096-2ACPZ-RL Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
More results

Similar Description - ADA4096-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8506 AD-AD8506 Datasheet
139Kb / 10P
   Micropower, Rail-to-Rail I/O, High Linearity Amplifiers
Rev. PrA
ADA4096-2 AD-ADA4096-2_14 Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com