Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPM15-C-15E Datasheet(PDF) 1 Page - Make-Ps

Part # PPM15-C-15E
Description  Single Output AC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

PPM15-C-15E Datasheet(HTML) 1 Page - Make-Ps

  PPM15-C-15E Datasheet HTML 1Page - Make-Ps PPM15-C-15E Datasheet HTML 2Page - Make-Ps PPM15-C-15E Datasheet HTML 3Page - Make-Ps PPM15-C-15E Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input Specifications
Input voltage range
85- 264VAC, 120- 370VDC
Input frequency
47- 63Hz
Input current
PPM05
PPM10
PPM15
PPM20
PPM25
110VAC
230VAC
120mA , typ.
70mA , typ.
230mA , typ.
120mA , typ.
250mA , typ.
140mA , typ.
330mA , typ.
180mA , typ.
420mA , typ.
230mA , typ.
Inrush current
PPM05
PPM10
PPM15
PPM20/PPM25
110VAC
230VAC
10A, typ.
20A, typ.
10A, typ.
20A, typ.
10A, typ.
20A, typ.
16A, typ.
30A, typ.
External input fuse(recommended)
PPM05
PPM10/PPM15
PPM20/PPM25
1A/250V
slow blow
2A/250V
slow blow
3.15A/250V slow blow
Output Specifications
Voltage set accuracy
±2%(main out)
Input variation
±0.5% (main output)
±1.5% (supplement output)
Load variation (10-100%)
Single output models
±1%
Ripple& noise(p-p)
20MHz Bandwidth
≤100mV
Short circuit protection
Continuous, and auto resume
Over current protection
≥110% IO
Over output voltage protection 3.3 / 5VDC models
9VDC model
12 / 15VDC models
24VDC model
48VDC model
≤6.5VDC
≤12VDC
≤20VDC
≤30VDC
≤60VDC
General Specifications
Temperature ranges
Operating :
Power derating above 55°C:
Storage:
Case temperature:
-25°C to +70°C
3.75%/°C (2.25%/°C PPM20-D-05ELF < 50°)
-25°C to +105°C
+90°C max
Weight
PPM05, PPM10, PPM15, PPM20/25
~50g, ~70g, ~80g, ~120g
Hold-up time
(Vin=230VAC)
80ms(typ.)
Humidity (non condensing)
85%(max)
Temperature coefficient
0.02% /°C
Switching frequency
150kHz max
Efficiency
See table
I/O-isolation voltage
3000VAC/1Min
Leakage current
0.3mA RMS typ. 230VAC/50Hz
Case material
UL 94V-0 rated
Install
PCB
MTBF
>200,000h @25°C
RoHS compliant
Soldering 260°C / max. 10 sec.
www.make-ps.com
E-mail:info@make-ps.com
Single
Output
AC/DC Converter
Series PPM
5-25 Watt | AC-DC Converter
1/4


Similar Part No. - PPM15-C-15E

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM15-C-15ELF PEAK-PPM15-C-15ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
More results

Similar Description - PPM15-C-15E

ManufacturerPart #DatasheetDescription
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
   Single Output AC/DC Converter
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
   7W Single Output AC/DC converter
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
   7W Single Output AC/DC converter
logo
PEAK electronics GmbH
PPM03-S-05ELF PEAK-PPM03-S-05ELF Datasheet
99Kb / 3P
   3 W AC/DC CONVERTER SINGLE OUTPUT
logo
Chinfa Electronics Ind....
FDD03U CHINFA-FDD03U Datasheet
495Kb / 8P
   DC - AC CONVERTER 2~3W SINGLE & DUAL OUTPUT
logo
Wall Industries,Inc.
PSLH WALL-PSLH Datasheet
1Mb / 11P
   5-25 Watts AC/DC Converter Single Output
logo
PEAK electronics GmbH
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
   5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
logo
Chinfa Electronics Ind....
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com