Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EN360FE25V Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC68EN360FE25V
Description  QUad Integrated Communications Controller Users Manual
Download  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68EN360FE25V Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC68EN360FE25V Datasheet HTML 3Page - Motorola, Inc MC68EN360FE25V Datasheet HTML 4Page - Motorola, Inc MC68EN360FE25V Datasheet HTML 5Page - Motorola, Inc MC68EN360FE25V Datasheet HTML 6Page - Motorola, Inc MC68EN360FE25V Datasheet HTML 7Page - Motorola, Inc MC68EN360FE25V Datasheet HTML 8Page - Motorola, Inc MC68EN360FE25V Datasheet HTML 9Page - Motorola, Inc MC68EN360FE25V Datasheet HTML 10Page - Motorola, Inc MC68EN360FE25V Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 962 page
background image
Table of Contents
Paragraph
Title
Page
Number
Number
MOTOROLA
MC68360 USER’S MANUAL
iii
QUICC Memory Map
3.1
Dual-Port RAM Memory Map .................................................................. 3-2
3.2
CPM Sub-Module Base Addresses......................................................... 3-3
3.3
Internal Registers Memory Map .............................................................. 3-4
3.3.1
SIM Registers Memory Map.................................................................... 3-4
3.3.2
CPM Registers Memory Map .................................................................. 3-6
Section 4
Bus Operation
4.1
Bus Transfer Signals ............................................................................... 4-2
4.1.1
Bus Control Signals................................................................................. 4-3
4.1.2
Function Codes (FC3–FC0) .................................................................... 4-3
4.1.3
Address Bus (A31–A0)............................................................................ 4-4
4.1.4
Address Strobe (AS) ............................................................................... 4-4
4.1.5
Data Bus (D31-D0).................................................................................. 4-4
4.1.6
Data Strobe (DS)..................................................................................... 4-4
4.1.7
Output Enable (OE)................................................................................. 4-4
4.1.8
Byte Write Enable (WE0, WE1, WE2, WE3) ........................................... 4-4
4.1.9
Bus Cycle Termination Signals ............................................................... 4-5
4.1.9.1
Data transfer and size acknowledge (DSACK1 and DSACK0). .............. 4-5
4.1.9.2
Bus Error (BERR).................................................................................... 4-5
4.1.9.3
Autovector (AVEC). ................................................................................. 4-6
4.2
Data Transfer Mechanism ....................................................................... 4-6
4.2.1
Dynamic Bus Sizing ................................................................................ 4-6
4.2.2
Misaligned Operands ............................................................................ 4-11
4.2.3
Effects of Dynamic Bus Sizing and Operand Misalignment .................. 4-19
4.2.4
Bus Operation ....................................................................................... 4-20
4.2.5
Synchronous Operation with DSACKx .................................................. 4-21
4.2.6
Fast Termination Cycles........................................................................ 4-21
4.3
Data Transfer Cycles............................................................................. 4-22
4.3.1
Read Cycle............................................................................................ 4-23
4.3.2
Write Cycle ............................................................................................ 4-26
4.3.3
Read-Modify-Write Cycle ...................................................................... 4-28
4.4
CPU Space Cycles................................................................................ 4-31
4.4.1
Breakpoint Acknowledge Cycle............................................................. 4-31
4.4.2
LPSTOP Broadcast Cycle ..................................................................... 4-35
4.4.3
Module Base Address Register (MBAR) Access .................................. 4-36
4.4.4
Interrupt Acknowledge Bus Cycles........................................................ 4-36
4.4.4.1
Interrupt Acknowledge Cycle—Terminated Normally............................ 4-36
4.4.4.2
Autovector Interrupt Acknowledge Cycle. ............................................. 4-38
4.4.4.3
Spurious Interrupt Cycle........................................................................ 4-40
4.5
Bus Exception Control Cycles ............................................................... 4-41
4.5.1
Bus Errors ............................................................................................. 4-42
4.5.2
Retry Operation ..................................................................................... 4-44
4.5.3
Halt Operation ....................................................................................... 4-46
4.5.4
Double Bus Fault................................................................................... 4-48


Similar Part No. - MC68EN360FE25V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68EN360AI25VL FREESCALE-MC68EN360AI25VL Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller
MC68EN360CAI25L FREESCALE-MC68EN360CAI25L Datasheet
577Kb / 14P
   Up to 32-Bit Data Bus (Dynamic Bus Sizing for 8 and 16 Bits), Up to 32 Address Lines (At Least 28 Always Available)
MC68EN360EM25 FREESCALE-MC68EN360EM25 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC)
MC68EN360EM25 FREESCALE-MC68EN360EM25 Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller
MC68EN360EM33L FREESCALE-MC68EN360EM33L Datasheet
577Kb / 14P
   MC68360 QUad Integrated Communication Controller (QUICC??
More results

Similar Description - MC68EN360FE25V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
logo
Motorola, Inc
MC68341UMAD MOTOROLA-MC68341UMAD Datasheet
134Kb / 21P
   Integrated Processor Users Manual
logo
List of Unclassifed Man...
IS-C1603 ETC2-IS-C1603 Datasheet
1Mb / 45P
   IS-C1603 Intelligent Controller Users Manual
logo
Motorola, Inc
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
   MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Freescale Semiconductor...
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
List of Unclassifed Man...
IS-C1603H ETC2-IS-C1603H Datasheet
1Mb / 47P
   IS-C1603H Intelligent Controller Users Manual
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com