Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPN3CN02RGUG Datasheet(PDF) 1 Page - GREATECS

Part # TPN3CN02RGUG
Description  SPST THT Tactile Switches with LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TPN3CN02RGUG Datasheet(HTML) 1 Page - GREATECS

  TPN3CN02RGUG Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tactile Switches
SPST THT Tactile Switches with LED
TPN Series
sales@greatecs.com
www.greatecs.com
5
TPN
How to order:
1
2
3
4
6
5
7
8
CAP:
1
1 Type (s. drawings)
2
2 Type (s. drawings)
3
3 Type (s. drawings)
CAP COLOR:
B
White
C
Red
G
Blue
J
Transparent
LEFT LED BRIGHTNESS:
LEFT LED COLORS:
U
R
N
Ultra Bright
Regular
Without LED
G
E
Blue
Yellow
F
C
Green
Red
B White
RIGHT LED BRIGHTNESS:
RIGHT LED COLOR:
U
R
N
Ultra Bright
Regular
Without LED
G
E
Blue
Yellow
F
C
Green
Red
B White
11
2
6
7
8
CAP SURFACE:
S
Silver
N
Without
3
CAP SYMBOL:
4
N
1 Type
2 Type
3 Type
General Specifications:


Similar Part No. - TPN3CN02RGUG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPN30008NH TOSHIBA-TPN30008NH Datasheet
233Kb / 9P
   MOSFETs Silicon N-channel MOS
2014-02-18 Rev.3.0
logo
STMicroelectronics
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
   TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
91Kb / 8P
   Tripolar overvoltage protection for network interfaces
TPN3021RL STMICROELECTRONICS-TPN3021RL Datasheet
46Kb / 4P
   TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
TPN3021RL STMICROELECTRONICS-TPN3021RL Datasheet
91Kb / 8P
   Tripolar overvoltage protection for network interfaces
More results

Similar Description - TPN3CN02RGUG

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPO GREATECS-TPO Datasheet
365Kb / 1P
   SPST THT Tactile Switches with LED
TPI GREATECS-TPI Datasheet
390Kb / 2P
   SPST THT Tactile Switches with LED
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
   SPST SMT Tactile Switches with LED
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
   6 x 6 mm THT Tactile Switches with Ground Terminal
TP5 GREATECS-TP5 Datasheet
128Kb / 1P
   12 x 12 mm THT Tactile Switches with Ground Terminal
TPK GREATECS-TPK Datasheet
425Kb / 3P
   Tactile Switches with LED (two colors available)
logo
Mitsumi Electronics, Co...
SOE-222HST MITSUMI-SOE-222HST Datasheet
70Kb / 2P
   With Button Tactile Switches
SOF MITSUMI-SOF Datasheet
257Kb / 2P
   Tactile Switches With Button
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com