Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME-0515SH30Z Datasheet(PDF) 2 Page - Make-Ps

Part # PME-0515SH30Z
Description  0.25 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

PME-0515SH30Z Datasheet(HTML) 2 Page - Make-Ps

  PME-0515SH30Z Datasheet HTML 1Page - Make-Ps PME-0515SH30Z Datasheet HTML 2Page - Make-Ps PME-0515SH30Z Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
5
4.5-5.5
12
10.8-13.2
15
13.5 – 16.5
Voltage range
24
21.6-26.4
VDC
Filter
Capacitor
Turn on transient process time
25
ms
Start up time
200
ms
5 Vin
7
12 Vin
15
15 Vin
17
Absolute maximum rating
24 Vin
28
VDC
Peak input voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1000 and 3000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short circuit protection
Momentary (1sec)
Line voltage regulation
For 1% change of Vin
±1.2
% of Vin
Load voltage regulation
Load 20 – 100%
±10
%
Load voltage regulation 3.3V output model
Load 20 – 100%
±20
%
Temperature coefficient
±0.02
%/
oC
Ripple & noise
At 20MHz Bandwidth
100
mV p-p
Capacitive load
100
μF
Rising time
50
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
80
KHz
Operating temperature
Without derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic
Weight
1.5
g
Dimensions (Lx W x H)
0.46 x 0.24 x 0.38 inches
11.68 x 6.00 x 9.65 mm
MTBF
>2 010 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified
www.make-ps.com
E-mail:info@make-ps.com
2/3


Similar Part No. - PME-0515SH30Z

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
   3-phase KW & KWH Energy Meter
PME-1130-AE ADVANTECH-PME-1130-AE Datasheet
159Kb / 1P
   3-phase KW & KWH Energy Meter
PME-1210 ADVANTECH-PME-1210 Datasheet
166Kb / 1P
   1-phase Multifunction Power Meter
PME-1210-AE ADVANTECH-PME-1210-AE Datasheet
166Kb / 1P
   1-phase Multifunction Power Meter
PME-1210-AE ADVANTECH-PME-1210-AE Datasheet
168Kb / 1P
   1-phase Multifunction Power Meter
More results

Similar Description - PME-0515SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
logo
Bothhand USA, LP.
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM8T-Z AIMTEC-AM8T-Z_16 Datasheet
365Kb / 3P
   8 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com