Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX67C Datasheet(PDF) 1 Page - Seme LAB

Part # BDX67C
Description  NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX67C Datasheet(HTML) 1 Page - Seme LAB

  BDX67C Datasheet HTML 1Page - Seme LAB BDX67C Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BDX67
BDX67A
BDX67B
BDX67C
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
7/99
NPN EPITAXIAL BASE
DARLINGTON POWER
TRANSISTOR
NPN epitaxial base transistors in
monolithic Darlington circuit for
audio output stages and general
amplifier and switching
applications.
PNP complements are:
BDX66, BDX66A, BDX66B, BDX66C.
VCEO
Collector - emitter voltage (open base)
VCBO
Collector - base voltage (open emitter)
VEBO
Emitter - base voltage (open collector)
IC
Collector current
ICM
Collector current (peak)
IB
Base current
Ptot
Total power dissipation at Tmb= 25°C
Tj
Maximum junction temperature
Tstj
Storage junction temperature
Rth j-mb
Thermal resistance, junction to mounting base.
60
80
100
120
V
80
100
120
140
V
5555
V
16
A
20
A
250
mA
150
W
200
°C
-65 to +200
°C
1.17
K/ W
MECHANICAL DATA
Dimensions in mm
ABSOLUTE MAXIMUM RATINGS (T
case=25°C unless otherwise stated)
TO3 Package.
Case connected to collector.
BDX BDX BDX BDX
67
67A
67B
67C
BE
4. 2
26.6 max.
10.9
2. 5
12 .8
9.0 max.


Similar Part No. - BDX67C

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BDX67C SAVANTIC-BDX67C Datasheet
109Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX67C COMSET-BDX67C Datasheet
145Kb / 4P
   NPN SILICON DARLINGTONS
BDX67C COMSET-BDX67C Datasheet
221Kb / 5P
   NPN SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX67C ISC-BDX67C Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX67C COMSET-BDX67C Datasheet
83Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX67C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX63 SEME-LAB-BDX63 Datasheet
24Kb / 2P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
TT Electronics.
BDX63 TTELEC-BDX63 Datasheet
558Kb / 3P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
Fairchild Semiconductor
TIP120 FAIRCHILD-TIP120_08 Datasheet
540Kb / 5P
   NPN Epitaxial Darlington Transistor
TIP120TU FAIRCHILD-TIP120TU Datasheet
168Kb / 5P
   NPN Epitaxial Darlington Transistor
logo
Toshiba Semiconductor
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2088 TOSHIBA-2SD2088_03 Datasheet
120Kb / 5P
   Silicon NPN Epitaxial Type (Darlington power transistor)
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com