Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4605 Datasheet(PDF) 2 Page - Analog Devices

Part # ADN4605
Description  4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4605 Datasheet(HTML) 2 Page - Analog Devices

  ADN4605 Datasheet HTML 1Page - Analog Devices ADN4605 Datasheet HTML 2Page - Analog Devices ADN4605 Datasheet HTML 3Page - Analog Devices ADN4605 Datasheet HTML 4Page - Analog Devices ADN4605 Datasheet HTML 5Page - Analog Devices ADN4605 Datasheet HTML 6Page - Analog Devices ADN4605 Datasheet HTML 7Page - Analog Devices ADN4605 Datasheet HTML 8Page - Analog Devices ADN4605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
ADN4605
Rev. 0 | Page 2 of 56
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Functional Block Diagram .............................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Specifications............................................................... 3
 
I2C Timing Specifications............................................................ 5
 
SPI Timing Specifications ........................................................... 5
 
Parallel Mode Specifications ....................................................... 6
 
Absolute Maximum Ratings............................................................ 7
 
ESD Caution.................................................................................. 7
 
Pin Configuration and Function Descriptions............................. 8
 
Typical Performance Characteristics ........................................... 18
 
Theory of Operation ...................................................................... 24
 
Introduction ................................................................................ 24
 
Receivers ...................................................................................... 25
 
Polarity Inversion ....................................................................... 26
 
Switch Core ................................................................................. 27
 
Reset ............................................................................................. 28
 
Transmitters ................................................................................ 29
 
Termination................................................................................. 32
 
I2C Serial Control Interface........................................................... 33
 
I2C Data Write............................................................................. 33
 
I2C Data Read.............................................................................. 34
 
SPI Serial Control Interface .......................................................... 35
 
Parallel Control Interface .............................................................. 38
 
Address Inputs: ADDR[7:0]...................................................... 38
 
Data Inputs/Outputs: DATA[7:0]............................................. 38
 
Write Operation.......................................................................... 38
 
Read Operation........................................................................... 38
 
Register Map ................................................................................... 39
 
Applications Information .............................................................. 49
 
Supply Sequencing ..................................................................... 51
 
Power Dissipation....................................................................... 51
 
Output Compliance ................................................................... 51
 
Printed Circuit Board (PCB) Layout Guidelines ................... 54
 
Outline Dimensions ....................................................................... 55
 
Ordering Guide............................................................................... 55
 
REVISION HISTORY
6/11—Revision 0: Initial Version


Similar Part No. - ADN4605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4605 AD-ADN4605 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605-EVALZ AD-ADN4605-EVALZ Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605ABPZ AD-ADN4605ABPZ Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
More results

Similar Description - ADN4605

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
logo
Pasternack Enterprises,...
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
   40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
logo
PCTEL, Inc.
GPS-TMG-40N PCTEL-GPS-TMG-40N Datasheet
69Kb / 1P
   40 dB Internal Amplifier
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
   Gain of 40 dB typ
logo
Analog Devices
HMC347A AD-HMC347A Datasheet
457Kb / 6P
   High Isolation: >40 dB @ 20 GHz
logo
Pasternack Enterprises,...
PE15A1012 PASTERNACK-PE15A1012 Datasheet
406Kb / 3P
   40 dB Gain, 0.8 dB NF, 18 dBm, 10 MHz to
PE15A3023 PASTERNACK-PE15A3023 Datasheet
459Kb / 6P
   12 dBm P1dB, 30 MHz to 40 GHz, Medium Power Broadband Amplifier, 25 dB Gain, 6 dB NF, 2.92mm
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com