Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML-24-5 Datasheet(PDF) 1 Page - Analog Devices

Part # ML-24-5
Description  24-Lead Module with Connector Interface. Dimensions shown in millimeters.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ML-24-5 Datasheet(HTML) 1 Page - Analog Devices

  ML-24-5 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24-Lead Module with Connector Interface.
a
(ML-24-5)
Dimensions shown in millimeters.
35.600
31.200
15.600
5.50
5.50
15.600
17.800
44.000
19.800
17.520
47.186
2.200
(4×)
2.500
(RADIUS)
2.40 THRU HOLE
(4×)
BOTTOM VIEW
FRONT VIEW
0.30 SQ
BSC (24×)
1.00 BSC
20.678
3.750
15.478
38.428
39.000
SIDE VIEW
LEAD PITCH
47.186


Similar Part No. - ML-24-5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ML-2020 PANASONIC-ML-2020 Datasheet
200Kb / 1P
   TAB PULLING STRENGTH OVER 14.7N
logo
Molex Electronics Ltd.
ML-2218 MOLEX4-ML-2218 Datasheet
110Kb / 2P
   Multi-Lock Connector for 18-22 AWG Wire
logo
List of Unclassifed Man...
ML-250-S1AXF ETC-ML-250-S1AXF Datasheet
473Kb / 1P
   ML-250-S1AXF
ML-250-S1AXF-2P ETC-ML-250-S1AXF-2P Datasheet
473Kb / 1P
   ML-250-S1AXF
ML-250-S1AXS ETC-ML-250-S1AXS Datasheet
473Kb / 1P
   ML-250-S1AXF
More results

Similar Description - ML-24-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2375CBZ AD-SSM2375CBZ Datasheet
39Kb / 1P
   Dimensions shown in millimeters
RM-8 AD-RM-8 Datasheet
127Kb / 1P
   8-Lead Mini Small Outline Package [MSOP] Dimensions shown in millimeters
logo
List of Unclassifed Man...
TO247 ETC-TO247 Datasheet
39Kb / 2P
   HEXFET TO-247AC Outline Dimensions are shown in millimeters (inches)
logo
Analog Devices
CB-9-1 AD-CB-9-1 Datasheet
91Kb / 1P
   9-Ball Wafer Level Chip Scale Package [WLCSP] Dimensions shown in millimeters
logo
Projects Unlimited, Inc...
AI-5025-TWT-R PUI-AI-5025-TWT-R Datasheet
261Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
A-BRIGHT Inc
AL-6B13WC-120 A-BRIGHT-AL-6B13WC-120 Datasheet
210Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6R03WC-60 A-BRIGHT-AL-6R03WC-60 Datasheet
285Kb / 6P
   All dimensions are in millimeters
2007/4/24
AL-6SW1WC-120 A-BRIGHT-AL-6SW1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6SW3WC-120 A-BRIGHT-AL-6SW3WC-120 Datasheet
211Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6UG1WC-60 A-BRIGHT-AL-6UG1WC-60 Datasheet
249Kb / 6P
   All dimensions are in millimeters
2009/9/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com