Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262-2E Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE8262-2E
Description  Universal System Basis Chip
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262-2E Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE8262-2E Datasheet HTML 1Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 2Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 3Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 4Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 5Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 6Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 7Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 8Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
PG-DSO-36-38
Type
Package
Marking
TLE8262-2E
PG-DSO-36-38
TLE8262-2E
Data Sheet
4
Rev. 1.0, 2009-05-26
Universal System Basis Chip
HERMES
Rev. 1.0
TLE8262-2E
1
HERMES Overview
Scalable System Basis Chip Family
Eight products for complete scalable application coverage
Complete compatibility (hardware and software) across the family
TLE8264-2E (3LIN), TLE8263-2E (2LIN) - 3 Limp Home outputs
TLE8264E (3LIN), TLE8263E (2LIN) - 1 Limp Home output
TLE8262-2E (1LIN), TLE8261-2E (no LIN) - 3 Limp Home outputs
TLE8262E (1LIN), TLE8261E (no LIN) - 1 Limp Home output
Basic Features
Very low quiescent current in Stop and Sleep Modes
Reset input, output
Power on and scalable undervoltage reset generator
Standard 16-bit SPI interface
Overtemperature and short circuit protection
Short circuit proof to GND and battery
One universal wake-up input
Wide input voltage and temperature range
Cyclic wake in Stop Mode
Green Product (RoHS compliant)
•AEC Qualified
Description
The devices of the SBC family are monolithic integrated circuits in an enhanced power package with identical
software functionality and hardware features except for the number of LIN cells. The devices are designed for
CAN-LIN automotive applications e.g. body controller, gateway applications.
To support these applications, the System Basis Chip (SBC) provides the main functions, such as HS-CAN
transceiver and LIN transceivers for data transmission, low dropout voltage regulators (LDO) for an external 5 V
supply, and a 16-bit Serial Peripheral Interface (SPI) to control and monitor the device. Also implemented are a
Time-out or a Window Watchdog circuit with a reset feature, Limp Home circuitry output, and an undervoltage
reset feature.
The devices offer low power modes in order to support application that are connected permanent to the battery.
A wake-up from the low power mode is possible via a message on the buses or via the bi-level sensitive
monitoring/wake-up input as well as from the SPI command. Each wake-up source can be inhibited.
The device is designed to withstand the severe conditions of automotive applications.


Similar Part No. - TLE8262-2E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8262E INFINEON-TLE8262E Datasheet
1Mb / 93P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
More results

Similar Description - TLE8262-2E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
TLE8263-2E INFINEON-TLE8263-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
TLE8264-2E INFINEON-TLE8264-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
TLE8262E INFINEON-TLE8262E Datasheet
1Mb / 93P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8261E INFINEON-TLE8261E Datasheet
1Mb / 82P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8264E INFINEON-TLE8264E Datasheet
1Mb / 99P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8263E INFINEON-TLE8263E Datasheet
1Mb / 93P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE9261BQXV33 INFINEON-TLE9261BQXV33 Datasheet
5Mb / 163P
   System Basis Chip
Rev. 1.1 2019-09-27
logo
ON Semiconductor
NCV7429 ONSEMI-NCV7429 Datasheet
612Kb / 43P
   System Basis Chip
March, 2017 ??Rev. 0
logo
Infineon Technologies A...
TLE9261-3BQXV33 INFINEON-TLE9261-3BQXV33 Datasheet
6Mb / 201P
   System Basis Chip
Rev. 1.1 2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com