Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262-2E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8262-2E
Description  Universal System Basis Chip
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262-2E Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8262-2E Datasheet HTML 1Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 2Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 3Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 4Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 5Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 6Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 7Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 8Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
Data Sheet
5
Rev. 1.0, 2009-05-26
TLE8262-2E
HERMES Overview
HS CAN Transceiver
Compliant to ISO 11898-2 and 11898-5 as well as SAE J2284
CAN data transmission rate up to 1 MBaud
Supplied by dedicated input
V
ccHSCAN
Low power mode management
Bus wake-up capability via CAN message
Excellent EMC performance (very high immunity and very low emission)
Bus pins are short circuit proof to ground and battery voltage
8 kV ESD gun test on CANH / CANL / SPLIT
Bus failure detection
LIN Transceiver
LIN2.1 conformance, LIN2.1 is back compatible to LIN1.3 and LIN2.0
SAE J2602-2 conformance
Compatible to ISO 9141 (K-L-Line)
Transmission rate up to 20 kBaud, LIN Flash Mode 115kBaud
8 kV ESD gun test on Bus pins
Voltage Regulators
Low-dropout voltage regulator
V
cc1µC, 200 mA, 5 V ±2% for external devices, such as microcontroller and RF receiver
V
cc2, 200 mA, 5 V ±2% for external devices or the internal HS CAN cell
V
cc3, current limitation by shunt resistor (up to 400 mA with 220 mΩ shunt resistor), 5 V ±4% with external PNP
transistor; for example: to supply additional external CAN transceivers
V
cc1µC, undervoltage Time-out
Supervision
Reset output with integrated pull-up resistor
Time-out or Window Watchdog, SPI configured
Watchdog Timer from 16 ms to 1024 ms
Check sum bit for Watchdog configuration
Reset due to Watchdog failure can be inhibited with Test pin (SBC SW Development Mode)
Interrupt Management
Complete enabling / disabling of interrupt sources
Timing filter mechanism to avoid multiple / infinite Interrupt signals
Limp Home
Open drain Limp Home outputs
Dedicated internal logic supply
Maximum safety architecture for Safety Operation Mode
Configurable Fail-Safe behavior
Dedicated side indicators signal 1.25Hz 50% duty cycle
Dedicated PWM signal 100Hz 20% duty cycle


Similar Part No. - TLE8262-2E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8262E INFINEON-TLE8262E Datasheet
1Mb / 93P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
More results

Similar Description - TLE8262-2E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
TLE8263-2E INFINEON-TLE8263-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
TLE8264-2E INFINEON-TLE8264-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
TLE8262E INFINEON-TLE8262E Datasheet
1Mb / 93P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8261E INFINEON-TLE8261E Datasheet
1Mb / 82P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8264E INFINEON-TLE8264E Datasheet
1Mb / 99P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8263E INFINEON-TLE8263E Datasheet
1Mb / 93P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE9261BQXV33 INFINEON-TLE9261BQXV33 Datasheet
5Mb / 163P
   System Basis Chip
Rev. 1.1 2019-09-27
logo
ON Semiconductor
NCV7429 ONSEMI-NCV7429 Datasheet
612Kb / 43P
   System Basis Chip
March, 2017 ??Rev. 0
logo
Infineon Technologies A...
TLE9261-3BQXV33 INFINEON-TLE9261-3BQXV33 Datasheet
6Mb / 201P
   System Basis Chip
Rev. 1.1 2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com