Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4682DMU12TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4682DMU12TCG
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DMU12TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4682DMU12TCG Datasheet HTML 1Page - ON Semiconductor NCP4682DMU12TCG Datasheet HTML 2Page - ON Semiconductor NCP4682DMU12TCG Datasheet HTML 3Page - ON Semiconductor NCP4682DMU12TCG Datasheet HTML 4Page - ON Semiconductor NCP4682DMU12TCG Datasheet HTML 5Page - ON Semiconductor NCP4682DMU12TCG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVTFS5820NL
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0
1234
5
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10 V
3.4 V
VGS = 5 V
2.8 V
4.0 V
3.8 V
3.6 V
TJ = 25°C
3.0 V
3.2 V
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
12
34
5
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
0.005
0.010
0.015
0.020
0.025
0.030
24
68
10
12
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID = 10 A
TJ = 25°C
0.008
0.010
0.012
0.014
0.016
5
10
152025
30
3540
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
VGS = 4.5 V
TJ = 25°C
VGS = 10 V
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.3
−50 −25
0
25
50
75
100 125
175
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
VGS = 10 V
ID = 10 A
100
1,000
10,000
100,000
10
20
30
40
50
60
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
TJ = 150°C
VGS = 0 V
150
2.1


Similar Part No. - NCP4682DMU12TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DMU12TCG ONSEMI-NCP4682DMU12TCG Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DMU12TCG ONSEMI-NCP4682DMU12TCG Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DMU12TCG ONSEMI-NCP4682DMU12TCG Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4682DMU12TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com