Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4682DMU18TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4682DMU18TCG
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DMU18TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4682DMU18TCG Datasheet HTML 1Page - ON Semiconductor NCP4682DMU18TCG Datasheet HTML 2Page - ON Semiconductor NCP4682DMU18TCG Datasheet HTML 3Page - ON Semiconductor NCP4682DMU18TCG Datasheet HTML 4Page - ON Semiconductor NCP4682DMU18TCG Datasheet HTML 5Page - ON Semiconductor NCP4682DMU18TCG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
July, 2011 − Rev. 1
1
Publication Order Number:
NVTFS5820NL/D
NVTFS5820NL
Power MOSFET
60 V, 11.5 mW, Single N−Channel, m8FL
Features
Small Footprint (3.3x3.3 mm) for Compact Design
Low RDS(on) to Minimize Conduction Losses
Low QG and Capacitance to Minimize Driver Losses
AEC−Q101 Qualified
These are Pb−Free Devices*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
"20
V
Continuous Drain Cur-
rent RYJ−mb (Notes 1,
2, 3, 4)
Steady
State
Tmb = 25°C
ID
29
A
Tmb = 100°C
20
Power Dissipation
RYJ−mb (Notes 1, 2, 3)
Tmb = 25°C
PD
21
W
Tmb = 100°C
10
Continuous Drain Cur-
rent RqJA (Notes 1 &
3, 4)
Steady
State
TA = 25°C
ID
11
A
TA = 100°C
8.0
Power Dissipation
RqJA (Notes 1, 3)
TA = 25°C
PD
3.2
W
TA = 100°C
1.6
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
247
A
Current limited by package
(Note 4)
TA = 25°C
IDmaxPkg
70
A
Operating Junction and Storage Temperature
TJ, Tstg
−55 to
175
°C
Source Current (Body Diode)
IS
17
A
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL(pk) = 37 A, L = 0.1 mH, RG = 25 W)
EAS
48
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL RESISTANCE MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Junction−to−Mounting Board (top) − Steady
State (Note 2, 3)
RYJ−mb
7.3
°C/W
Junction−to−Ambient − Steady State (Note 3)
RqJA
47
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Psi (Y) is used as required per JESD51−12 for packages in which
substantially less than 100% of the heat flows to single case surface.
3. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
4. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
ORDERING INFORMATION
http://onsemi.com
Device
Package
Shipping
V(BR)DSS
RDS(on) MAX
ID MAX
60 V
11.5 mW @ 10 V
29 A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
WDFN8
(m8FL)
CASE 511AB
MARKING DIAGRAM
15 mW @ 4.5 V
NVTFS5820NLTAG
WDFN8
(Pb−Free)
1500/Tape &
Reel
(Note: Microdot may be in either location)
1
5820
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
1
NVTFS5820NLTWG
WDFN8
(Pb−Free)
5000/Tape &
Reel
5820
AYWWG
G
D
D
D
D
S
S
S
G
N−Channel
D
S
G
*For additional information on our Pb−Free strategy and
soldering details, please download the ON
Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.


Similar Part No. - NCP4682DMU18TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DMU18TCG ONSEMI-NCP4682DMU18TCG Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DMU18TCG ONSEMI-NCP4682DMU18TCG Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DMU18TCG ONSEMI-NCP4682DMU18TCG Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4682DMU18TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com