Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4682DSQ33T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4682DSQ33T1G
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DSQ33T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4682DSQ33T1G Datasheet HTML 1Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 2Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 3Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 4Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 5Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVTFS5820NL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
57
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
2.3
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
6.2
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 8.7 A
10.1
11.5
mW
VGS = 4.5 V
ID = 7.3 A
13.0
15
Forward Transconductance
gFS
VDS = 5 V, ID = 10 A
24.6
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz, VDS = 25 V
1462
pF
Output Capacitance
Coss
150
Reverse Transfer Capacitance
Crss
96
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V, ID = 10 A
28
nC
VGS = 4.5 V, VDS = 48 V, ID = 10 A
15
Threshold Gate Charge
QG(TH)
VGS = 4.5 V, VDS = 48 V, ID = 10 A
1
Gate−to−Source Charge
QGS
4
Gate−to−Drain Charge
QGD
8
Plateau Voltage
VGP
3
V
Gate Resistance
RG
0.62
W
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 48 V,
ID = 10 A, RG = 2.5 W
10
ns
Rise Time
tr
28
Turn−Off Delay Time
td(off)
19
Fall Time
tf
22
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.79
1.2
V
TJ = 125°C
0.65
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 10 A
19
ns
Charge Time
ta
13
Discharge Time
tb
6
Reverse Recovery Charge
QRR
15
nC
5. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NCP4682DSQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4682DSQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com