Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA785 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TCA785
Description  Phase Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA785 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TCA785 Datasheet HTML 1Page - Siemens Semiconductor Group TCA785 Datasheet HTML 2Page - Siemens Semiconductor Group TCA785 Datasheet HTML 3Page - Siemens Semiconductor Group TCA785 Datasheet HTML 4Page - Siemens Semiconductor Group TCA785 Datasheet HTML 5Page - Siemens Semiconductor Group TCA785 Datasheet HTML 6Page - Siemens Semiconductor Group TCA785 Datasheet HTML 7Page - Siemens Semiconductor Group TCA785 Datasheet HTML 8Page - Siemens Semiconductor Group TCA785 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Semiconductor Group
5
TCA 785
Characteristics (cont’d)
8
VS 18 V; – 25 ˚C TA 85 ˚C; f = 50 Hz
Unit
Parameter
Symbol
min.
max.
Limit Values
Test
Circuit
typ.
µA
V
mV
k
µs
Ramp generator
Charge current
Max. ramp voltage
Saturation voltage at capacitor
Ramp resistance
Sawtooth return time
I10
V10
V10
R9
tf
10
100
3
1
1.6
1
1
225
80
1000
V2 – 2
350
300
V
V
µs
µA
µA
Inhibit pin 6
switch-over of pin 7
Outputs disabled
Outputs enabled
Signal transition time
Input current
V6 = 8 V
Input current
V6 = 1.7 V
V6 L
V6 H
tr
I6 H
– I6L
4
1
80
1
1
1
1
1
3.3
3.3
500
150
2.5
5
800
200
V
V
µA
µA
Long pulse switch-over
pin 13
switch-over of S8
Short pulse at output
Long pulse at output
Input current
V13 = 8 V
Input current
V13 = 1.7 V
V13 H
V13 L
I13 H
– I13 L
3.5
45
1
1
1
1
2.5
2.5
65
2
10
100
%
%
%
Deviation of I10
R 9 = const.
VS = 12 V; C10 = 47 nF
Deviation of I10
R 9 = const.
VS = 8 V to 18 V
Deviation of the ramp voltage
between 2 following
half-waves, VS = const.
I10
I10
V10 max
– 5
– 20
1
1
± 1
5
20
µA
V
Outputs pin 2, 3, 4, 7
Reverse current
VQ = VS
Saturation voltage
IQ = 2 mA
ICEO
Vsat
0.1
2.6
2.6
0.4
10
2


Similar Part No. - TCA785

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
09.94
More results

Similar Description - TCA785

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
09.94
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
   Phase control IC TDA2086A
1997
logo
Sanyo Semicon Device
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
   Monolithic Linear IC Phase Control Voltage Inverter Control IC
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
   Three-Phase Stepping Motor Control IC
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
   Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_15 Datasheet
353Kb / 32P
   Synchronous Phase Shift Full-Bridge Control IC
R2A20121SP RENESAS-R2A20121SP Datasheet
291Kb / 28P
   Synchronous Phase Shift Full-Bridge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com