Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4682DSQ33T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4682DSQ33T1G
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DSQ33T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP4682DSQ33T1G Datasheet HTML 2Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 3Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 4Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 5Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 6Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 7Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 8Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 9Page - ON Semiconductor NCP4682DSQ33T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
NCP4682, NCP4685
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
IOUT (mA)
Figure 9. Dropout Voltage vs. Output Current
2.8 V Version
TJ = 85°C
25°C
−40°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
IOUT (mA)
Figure 10. Dropout Voltage vs. Output Current
3.3 V Version
TJ = 85°C
25°C
−40°C
1.17
1.18
1.19
1.20
1.21
1.22
1.23
−40
−20
0
2040
6080
TJ, JUNCTION TEMPERATURE (°C)
Figure 11. Output Voltage vs. Temperature,
1.2 V Version
VIN = 2.2 V
2.47
2.48
2.49
2.50
2.51
2.52
2.53
−40
−20
0
2040
6080
TJ, JUNCTION TEMPERATURE (°C)
Figure 12. Output Voltage vs. Temperature,
2.5 V Version
VIN = 3.5 V
2.77
2.78
2.79
2.80
2.81
2.82
2.83
−40
−20
0
2040
6080
TJ, JUNCTION TEMPERATURE (°C)
Figure 13. Output Voltage vs. Temperature,
2.8 V Version
VIN = 3.8 V
3.27
3.28
3.29
3.30
3.31
3.32
3.33
TJ, JUNCTION TEMPERATURE (°C)
Figure 14. Output Voltage vs. Temperature,
3.3 V Version
−40
−20
0
2040
6080
VIN = 4.3 V


Similar Part No. - NCP4682DSQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682DSQ33T1G ONSEMI-NCP4682DSQ33T1G Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4682DSQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com