Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21SUBC Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # 67-21SUBC
Description  SURFACE MOUNT CHIP LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

67-21SUBC Datasheet(HTML) 2 Page - A-BRIGHT Inc

  67-21SUBC Datasheet HTML 1Page - A-BRIGHT Inc 67-21SUBC Datasheet HTML 2Page - A-BRIGHT Inc 67-21SUBC Datasheet HTML 3Page - A-BRIGHT Inc 67-21SUBC Datasheet HTML 4Page - A-BRIGHT Inc 67-21SUBC Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2009/2/20
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Part Number: 67-21SUBC
ELECTRO-OPTICAL CHARACTERISTICS
(TA=25℃)
Value
Parameter
Test
Condition
Symbol
MIN. TYP. MAX.
Unit
Forward voltage
IF=20mA
VF
3.2 3.5
V
Luminous intensity
IF=20mA
IV
130
mcd
Peak Wavelength
IF=20mA
λp
472
nm
Dominant Wavelength
IF=20mA
λd
470
nm
Spectral Line Half-Width
IF=20mA
λ
35
nm
Peak pulsing current (1/10 duty f=1kHz)
IFP
100
mA
Power Dissipation
PD
110
mW
Reverse current
VR=5V
IR
50
μA
Electrostatic Discharge
ESD
150
mA
Absolute maximum ratings
(TA=25℃)
Parameter
Symbol
Value
Unit
Viewing angle at 50% IV
2θ1/2
120
Deg
Forward current
IF
25
mA
Reverse voltage
VR
5
V
Operating temperature range
Top
-40 ~+85
Storage temperature range
Tstg
-40 ~+100


Similar Part No. - 67-21SUBC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
364Kb / 5P
   TOP View LEDs
2009/2/20
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
Everlight Electronics C...
67-21SUBC-S400-A4-TR8 EVERLIGHT-67-21SUBC-S400-A4-TR8 Datasheet
203Kb / 9P
   TOP View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
67-21SUBC/S400-XX/TR8 EVERLIGHT-67-21SUBC/S400-XX/TR8 Datasheet
203Kb / 9P
   TOP View LEDs
More results

Similar Description - 67-21SUBC

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-HE134C YSTONE-BL-HE134C Datasheet
515Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HE136A YSTONE-BL-HE136A Datasheet
260Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HS133A YSTONE-BL-HS133A Datasheet
445Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HS136D YSTONE-BL-HS136D Datasheet
393Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
logo
A-BRIGHT Inc
67-21SUGC A-BRIGHT-67-21SUGC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
List of Unclassifed Man...
LEM-54221T ETC-LEM-54221T Datasheet
117Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-95121 ETC-LEM-95121 Datasheet
62Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-65121T ETC1-LEM-65121T Datasheet
70Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
logo
A-BRIGHT Inc
42-21SURC-S530-A4 A-BRIGHT-42-21SURC-S530-A4_15 Datasheet
321Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2006/10/11
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
List of Unclassifed Man...
LEM-44221T ETC1-LEM-44221T Datasheet
115Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com