Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDT05S60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SDT05S60
Description  Silicon Carbide Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDT05S60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SDT05S60 Datasheet HTML 1Page - Infineon Technologies AG SDT05S60 Datasheet HTML 2Page - Infineon Technologies AG SDT05S60 Datasheet HTML 3Page - Infineon Technologies AG SDT05S60 Datasheet HTML 4Page - Infineon Technologies AG SDT05S60 Datasheet HTML 5Page - Infineon Technologies AG SDT05S60 Datasheet HTML 6Page - Infineon Technologies AG SDT05S60 Datasheet HTML 7Page - Infineon Technologies AG SDT05S60 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
200
8-06-02
Rev. 2.
2
Page 1
SDT05S60
SDT05S60
thinQ! SiC Schottky Diode
Silicon Carbide Schottky Diode
• Worlds first 600V Schottky diode
• Revolutionary semiconductor
material - Silicon Carbide
• Switching behavior benchmark
• No reverse recovery
• No temperature influence on
the switching behavior
• No forward recovery
Product Summary
VRRM
600
V
Qc
14
nC
IF
5
A
P
G-TO220-2-2.
Pin 1
Pin 2
C
A
Type
Package
Ordering Code
SDT05S60
P
G-TO220-2-2.
Q67040S4644
Marking
D05S60
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous forward current, T
C=100°C
IF
5
A
RMS forward current
, f=50Hz
IFRMS
7.1
Surge non repetitive forward current, sine halfwave
TC=25°C, tp=10ms
IFSM
18.5
Repetitive peak forward current
Tj=150°C, TC=100°C, D=0.1
IFRM
21
Non repetitive peak forward current
tp=10µs, TC=25°C
IFMAX
50
i 2t value
, T
C=25°C, tp=10ms
i2dt
1.7
A²s
Repetitive peak reverse voltage
VRRM
600
V
Surge peak reverse voltage
VRSM
600
Power dissipation
, T
C=25°C
Ptot
43
W
Operating and storage temperature
Tj , Tstg
-55... +175
°C


Similar Part No. - SDT05S60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
More results

Similar Description - SDT05S60

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com