Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5A01 Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # SF5A01
Description  Glass Passivated Super Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

SF5A01 Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  SF5A01 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd SF5A01 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
TO-220AC
SF5A01 THRU SF5A06
Voltage Range 50 to 600 V
Current 5.0 Ampere
Glass Passivated Super Fast Recovery Rectifier
SF5A01
SYMBOL
CHARACTERISTIC
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
SF5A02 SF5A03 SF5A04 SF5A05
50
100
200
140
200
400
35
70
280
50
100
400
SF5A06
600
420
600
5.0
10.0
100
1.3
1.7
0.95
35
250
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
300
210
300
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic TO-220AC
High surge current capability
Weight: 2.07 grams
Polarity:Color band denotes cathode
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
1 / 2
R1, JUN-11
1
2
MAX.412(10.5)
.072(1.82)
.062(1.58)
.638(16.2)
.602(15.3)
.526(13.35)
.508(12.90)
.037(0.94)
.027(0.68)
DIA
.154(3.91)
.137(3.50)
PIN
1
2
.185(4.70)
.175(4.44)
.102(2.60)
.088(2.25)
.025(0.64)
.014(0.35)
.055(1.40)
.045(1.14)
.056(1.43)
.048(1.22)
.057(1.45)
.052(1.33)


Similar Part No. - SF5A01

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
SF5A01F YENYO-SF5A01F Datasheet
724Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
More results

Similar Description - SF5A01

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Kwang Myoung I.S. CO.,L...
E1A KISEMICONDUCTOR-E1A Datasheet
5Mb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Comchip Technology
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF20C01CF-G COMCHIP-SF20C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF10C01C YENYO-SF10C01C Datasheet
678Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
SF501G YENYO-SF501G Datasheet
1Mb / 2P
   Glass Passivated Super Fast Recovery Rectifier
logo
Unisonic Technologies
SF26G UTC-SF26G Datasheet
156Kb / 4P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SF10A01F YENYO-SF10A01F Datasheet
837Kb / 2P
   Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com