Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT3904 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SMBT3904
Description  NPN Silicon Switching Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3904 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SMBT3904_07 Datasheet HTML 1Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 2Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 3Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 4Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 5Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 6Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 7Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 8Page - Infineon Technologies AG SMBT3904_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2007-09-20
1
SMBT3904...MMBT3904
NPN Silicon Switching Transistors
• High DC current gain: 0.1 mA to 100 mA
• Low collector-emitter saturation voltage
• For SMBT3904S / SMBT3904U:
Two (galvanic) internal isolated transistors
with good matching in one package
• Complementary types: SMBT3906... MMBT3906
• SMBT3904S / U: For orientation in reel
see package information below
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
SMBT3904S/U
EHA07178
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
Type
Marking
Pin Configuration
Package
SMBT3904/MMBT3904
SMBT3904S
SMBT3904U
s1A
s1A
s1A
1=B
1=E1
1=E1
2=E
2=B1
2=B1
3=C
3=C2
3=C2
-
4=E2
4=E2
-
5=B2
5=B2
-
6=C1
6=C1
SOT23
SOT363
SC74
1Pb-containing package may be available upon special request


Similar Part No. - SMBT3904_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMBT3904DW1 ONSEMI-SMBT3904DW1 Datasheet
102Kb / 8P
   Dual General Purpose Transistors
June, 2015 ??Rev. 11
SMBT3904DW1T1G ONSEMI-SMBT3904DW1T1G Datasheet
138Kb / 8P
   Dual General Purpose Transistors
October, 2012 ??Rev. 9
SMBT3904DW1T1G ONSEMI-SMBT3904DW1T1G Datasheet
102Kb / 8P
   Dual General Purpose Transistors
June, 2015 ??Rev. 11
logo
Infineon Technologies A...
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
More results

Similar Description - SMBT3904_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com