Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS04N60C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPS04N60C3
Description  Cool MOS Power Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPS04N60C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPS04N60C3_08 Datasheet HTML 1Page - Infineon Technologies AG SPS04N60C3_08 Datasheet HTML 2Page - Infineon Technologies AG SPS04N60C3_08 Datasheet HTML 3Page - Infineon Technologies AG SPS04N60C3_08 Datasheet HTML 4Page - Infineon Technologies AG SPS04N60C3_08 Datasheet HTML 5Page - Infineon Technologies AG SPS04N60C3_08 Datasheet HTML 6Page - Infineon Technologies AG SPS04N60C3_08 Datasheet HTML 7Page - Infineon Technologies AG SPS04N60C3_08 Datasheet HTML 8Page - Infineon Technologies AG SPS04N60C3_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8-04-07
Rev. 2.1
P
S
Tj
Transconductance
gfs
VDS
Input capacitance
Ciss
VGS
VDS
f
Output capacitance
Coss
Reverse transfer capacitance
Crss
VGS
VDS
Turn-on delay time
td(on)
VDD
VGS
RG
Rise time
tr
Turn-off delay time
td(off)
Fall time
tf
Gate to source charge
Qgs
VDD
Gate to drain charge
Qgd
VDD
VGS
VDD
EAR f
Coss
VDS
Coss
VDS
5I
SD<=ID, di/dt<=400A/us, VDClink=400V, Vpeak<VBR, DSS, Tj<Tj,max.
Identical low-side and high-side switch.


Similar Part No. - SPS04N60C3_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPS04N60C3 INFINEON-SPS04N60C3 Datasheet
429Kb / 12P
   Cool MOS??Power Transistor
Rev. 2.0 2005-07-19
logo
VBsemi Electronics Co.,...
SPS04N60C3 VBSEMI-SPS04N60C3 Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SPS04N60C3_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com