Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T920N Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # T920N
Description  Netz-Thyristor Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T920N Datasheet(HTML) 4 Page - Infineon Technologies AG

  T920N Datasheet HTML 1Page - Infineon Technologies AG T920N Datasheet HTML 2Page - Infineon Technologies AG T920N Datasheet HTML 3Page - Infineon Technologies AG T920N Datasheet HTML 4Page - Infineon Technologies AG T920N Datasheet HTML 5Page - Infineon Technologies AG T920N Datasheet HTML 6Page - Infineon Technologies AG T920N Datasheet HTML 7Page - Infineon Technologies AG T920N Datasheet HTML 8Page - Infineon Technologies AG T920N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T920N
IFBIP D AEC / 2009-12-08, H.Sandmann
A 33/09
4/10
Seite/page
R,t – Werte
Diagramme
Diagramme
Trans. Wärmewid. beidseitig
Analytische Elemente des transienten Wärmewiderstandes Z thJC für DC
Analytical elements of transient thermal impedance Z thJC for DC
Kühlung /
Cooling
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W]
0,00043
0,00557
0,019
0,01
-
-
-
beidseitig
two-sided
τ
n [s]
0,00027
0,00221
0,085
0,36
-
-
-
Rthn [°C/W]
0,00034
0,0054
0,00486
0,0234
0,024
-
-
anodenseitig
anode-sided
τ
n [s]
0,00024
0,0021
0,03760
0,1580
2,470
-
-
Rthn [°C/W]
0,00026
0,00524
0,0132
0,0346
0,0357
-
-
kathodenseitig
cathode-sided
τ
n [s]
0,00019
0,00192
0,0562
0,6500
2,9100
-
-
Analytische Funktion / Analytical function:
Σ
=
τ
max
n
n=1
thn
thJC
n
-t
e
1
R
Z
b
c
a
0
0,01
0,02
0,03
0,04
0,05
0,06
0,07
0,08
0,09
0,1
0,001
0,01
0,1
1
10
100
t [s]
Transienter innerer Wärmewiderstand für DC / Transient thermal impedance for DC
Z thJC = f(t)
a - Anodenseitige Kühlung / Anode-sided cooling
b - Beidseitige Kühlung / Two-sided cooling
c - Kathodenseitige Kühlung / Cathode-sided cooling


Similar Part No. - T920N

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
DB Lectro Inc
T92 DBLECTRO-T92 Datasheet
178Kb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
Tyco Electronics
T92 MACOM-T92 Datasheet
261Kb / 3P
   2 pole 30 A, 2 CO or 2 NO contacts
logo
TE Connectivity Ltd
T92 TEC-T92 Datasheet
1Mb / 4P
   Meets requirements of UL Class F construction
T92 TEC-T92 Datasheet
789Kb / 5P
   T92 Series Two-pole Power Relay
More results

Similar Description - T920N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T388N INFINEON-T388N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T390N INFINEON-T390N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
T398N INFINEON-T398N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
T1040N INFINEON-T1040N Datasheet
291Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
T1190N INFINEON-T1190N Datasheet
289Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2008-09-18 revision:2.0
T1410N INFINEON-T1410N Datasheet
248Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
T1590N INFINEON-T1590N Datasheet
293Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-11 revision:2.0
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
T2563NH INFINEON-T2563NH Datasheet
288Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 11.0
T348N INFINEON-T348N Datasheet
270Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision: 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com