Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T940N Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # T940N
Description  Netz-Thyristor Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T940N Datasheet(HTML) 5 Page - Infineon Technologies AG

  T940N Datasheet HTML 1Page - Infineon Technologies AG T940N Datasheet HTML 2Page - Infineon Technologies AG T940N Datasheet HTML 3Page - Infineon Technologies AG T940N Datasheet HTML 4Page - Infineon Technologies AG T940N Datasheet HTML 5Page - Infineon Technologies AG T940N Datasheet HTML 6Page - Infineon Technologies AG T940N Datasheet HTML 7Page - Infineon Technologies AG T940N Datasheet HTML 8Page - Infineon Technologies AG T940N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T940N
IFBIP D AEC / 2010-09-02, H.Sandmann
A 28/10
5/10
Seite/page
Durchlasskennlinie
Erhöhung des Zth DC bei Sinus und Rechteckströmen mit unterschiedlichen Stromflusswinkeln Θ
Rise of Zth DC for sinewave and rectangular current with different current conduction angles Θ
∆Zth Θ rec / ∆Zth Θ sin
Kühlung / Cooling
Θ = 180°
Θ = 120°
Θ = 90°
Θ = 60°
Θ = 30°
∆Zth Θ rec
[°C/W]
0,00320
0,00553
0,00743
0,01038
0,01554
beidseitig
two-sided
∆Zth Θ sin
[°C/W]
0,00175
0,00275
0,00420
0,00681
0,01204
∆Zth Θ rec
[°C/W]
0,00320
0,00557
0,00754
0,01066
0,01630
anodenseitig
anode-sided
∆Zth Θ sin
[°C/W]
0,00162
0,00261
0,00408
0,00679
0,01247
∆Zth Θ rec
[°C/W]
0,00317
0,00552
0,00749
0,01060
0,01623
kathodenseitig
cathode-sided
∆Zth Θ sin
[°C/W]
0,00159
0,00256
0,00402
0,00672
0,01240
Zth Θ rec = Zth DC +
∆Zth Θ rec
Zth Θ sin = Zth DC +
∆Zth Θ sin
Tvj = Tvj max
0
1000
2000
3000
4000
5000
0,8
1
1,2
1,4
1,6
1,8
2
2,2
2,4
vT [V]
Grenzdurchlasskennlinie / Limiting on-state characteristic iT = f(vT)
Tvj = Tvj max


Similar Part No. - T940N

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T940000 E-SWITCH-T940000 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T940001 E-SWITCH-T940001 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T940002 E-SWITCH-T940002 Datasheet
169Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T940003 E-SWITCH-T940003 Datasheet
169Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T940004 E-SWITCH-T940004 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T940N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T388N INFINEON-T388N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T390N INFINEON-T390N Datasheet
246Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
T398N INFINEON-T398N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision:1
T930S INFINEON-T930S Datasheet
221Kb / 6P
   Netz-Thyristor Phase Control Thyristor
2008-09-15 revision:3.0
T1040N INFINEON-T1040N Datasheet
291Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
T1190N INFINEON-T1190N Datasheet
289Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2008-09-18 revision:2.0
T1410N INFINEON-T1410N Datasheet
248Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2010-09-02 revision:3.2
T1590N INFINEON-T1590N Datasheet
293Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-11 revision:2.0
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
T2563NH INFINEON-T2563NH Datasheet
288Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2011-05-02 Revision: 11.0
T348N INFINEON-T348N Datasheet
270Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision: 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com