Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA3727G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TCA3727G
Description  2-phase Stepper Motor Driver Bipolar IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TCA3727G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TCA3727G Datasheet HTML 1Page - Infineon Technologies AG TCA3727G Datasheet HTML 2Page - Infineon Technologies AG TCA3727G Datasheet HTML 3Page - Infineon Technologies AG TCA3727G Datasheet HTML 4Page - Infineon Technologies AG TCA3727G Datasheet HTML 5Page - Infineon Technologies AG TCA3727G Datasheet HTML 6Page - Infineon Technologies AG TCA3727G Datasheet HTML 7Page - Infineon Technologies AG TCA3727G Datasheet HTML 8Page - Infineon Technologies AG TCA3727G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
7
Rev. 2.2, 2009-01-22
TCA3727G
Note: Stresses above those listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: In the operating range, the functions given in the circuit description are fulfilled.
Table 3
Absolute Maximum Ratings
T
A = -40 to 125 °C
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Supply voltage
V
S
052
V
Logic supply voltage
V
L
06.5
V
Z-diode
Z-current of
V
L
I
L
–50
mA
Output current
I
Q
-1
1
A
Ground current
I
GND
-2
2
A
Logic inputs
V
IXX
-6
V
L + 0.3
V
IXX; Phase 1, 2; Inhibit
R
1, R2, oscillator input voltage
V
RX, VOSC
-0.3
V
L + 0.3
V
Junction temperature
T
j
125
150
°C
°C
max. 10,000 h
Storage temperature
T
stg
-50
125
°C–
Table 4
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Supply voltage
V
S
550
V
Logic supply voltage
V
L
4.5
6.5
V
without series resistor
Case temperature
T
C
-40
110
°C
measured on pin 5
P
diss
= 2 W
Output current
I
Q
-1000
1000
mA
Logic inputs
V
IXX
-5
V
L
V
IXX; Phase 1, 2; Inhibit
Thermal Resistances
Junction ambient
R
th ja
75
K/W
PG-DSO-24-13
Junction ambient
(soldered on a 35
µm thick 20 cm2 PC board
copper area)
R
th ja
50
K/W
PG-DSO-24-13
Junction case
R
th jc
15
K/W
measured on pin 5 PG-
DSO-24-13


Similar Part No. - TCA3727G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA3727G SIEMENS-TCA3727G Datasheet
365Kb / 27P
   2-Phase Stepper-Motor Driver
logo
Infineon Technologies A...
TCA3727G INFINEON-TCA3727G Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
More results

Similar Description - TCA3727G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
   2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
   2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com