Selected language     English  ā–¼


TDA5200_10 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. TDA5200_10
Description  ASK Single Conversion Receiver
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 11 page
background image
TDA 5200
ASK Single Conversion Receiver
Functional Description
Data Sheet
11
Revision 3.0, 2010-12-28
3.2
Pin Definition and Function
Table 1
Pin Definition and Function
Pin
No.
Name
Pin
Type
Buffer Type
Function
1
CRST1
In/Out
External Crystal Connector 1
2VCC
In
5 V Supply
3LNI
In
LNA Input
4.15V
50uA
1
57uA
4k
1k
3
500uA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl