Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5200 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TDA5200
Description  ASK Single Conversion Receiver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5200 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TDA5200 Datasheet HTML 3Page - Infineon Technologies AG TDA5200 Datasheet HTML 4Page - Infineon Technologies AG TDA5200 Datasheet HTML 5Page - Infineon Technologies AG TDA5200 Datasheet HTML 6Page - Infineon Technologies AG TDA5200 Datasheet HTML 7Page - Infineon Technologies AG TDA5200 Datasheet HTML 8Page - Infineon Technologies AG TDA5200 Datasheet HTML 9Page - Infineon Technologies AG TDA5200 Datasheet HTML 10Page - Infineon Technologies AG TDA5200 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TDA 5200
ASK Single Conversion Receiver
Product Info
Data Sheet
7
Revision 3.0, 2010-12-28
1
Product Info
General Description
The IC is a very low power consumption single chip ASK Single Conversion Receiver for receive frequencies
bands 868-870 MHz and 433-435 MHz. The IC offers a high level of integration and needs only a few external
components. The device contains a low noise amplifier (LNA), a double balanced mixer, a fully integrated VCO, a
PLL synthesizer, a crystal oscillator, a limiter with RSSI generator, a data filter, a data comparator (slicer) and a
peak detector. Additionally there is a power down feature to save battery life.
Features
Low supply current (
I
s = 4.8 mA typ. at 868 MHz, Is = 4.6 mA typ. at 434 MHz)
Supply voltage range 5 V ±10 %
Power down mode with very low supply current (50 nA typ)
Fully integrated VCO and PLL Synthesizer
RF input sensitivity < – 107 dBm
Selectable frequency ranges around 868-870 MHz and 433-435 MHz
Selectable reference frequency
Limiter with RSSI generation, operating at 10.7 MHz
•2nd order low pass data filter with external capacitors
Data slicer with self-adjusting threshold
Application
Keyless Entry Systems
Remote Control Systems
Alarm Systems
Low Bitrate Communication Systems
Package
Figure 1
PG-TSSOP-28
Ordering Information
Type
Ordering Code
Package1)
1) Available on tape and reel
TDA5200
SP000016381
PG-TSSOP-28


Similar Part No. - TDA5200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
TDA5200 INFINEON-TDA5200_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. September 2015
More results

Similar Description - TDA5200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
   ASK Single Conversion Receiver
Version 1.5 July 2004
TDA5201 INFINEON-TDA5201_10 Datasheet
1Mb / 38P
   ASK Single Conversion Receiver
Revision 1.6, 2010-12-21
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5204E1 INFINEON-TDA5204E1 Datasheet
1Mb / 40P
   ASK Single Conversion Receiver 390MHz
Version 1.0 December 2000
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com