Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1162 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1162
Description  PNP Silicon General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1162 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1162_10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1162_10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA1162
-0.15A, -50V
PNP Silicon General Purpose Transistor
31-Dec-2010 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Low Noise: NF=1 dB(Typ.), 10 dB(Max.)
Complements of the 2SC2712
MECHANICAL DATA
Case: SOT-23, Molded Plastic
Weight: 0.008 grams(approx.)
CLASSIFICATION OF hFE
Product-Rank
2SA1162-O
2SA1162-Y
2SA1162-GR
Range
70~140
120~240
200~400
Marking
SO
SY
SG
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Currrent
IC
-150
mA
Total Device Dissipation
PD
150
mW
Junction & Storage Temperature
TJ, TSTG
125, -55 ~ 150
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-50
-
-
V
IC=-100μA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-50
-
-
V
IC=-1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
-
-
V
IE=-100μA, IC=0
Collector cut-off current
ICBO
-
-
-0.1
μ
A
VCB=-50V, IE=0
Emitter cut-off current
IEBO
-
-
-0.1
μ
A
VEB= -5V, IC=0
Collector-emitter saturation voltage
VCE(sat)
-
-
-0.3
V
IC=-100mA, IB=-10mA
DC current gain
hFE
70
-
400
VCE=-6V, IC=-2mA
Transition frequency
fT
80
-
-
MHz
VCE=-10V, IC=-1mA
Collector output capacitance
Cob
-
-
7
pF
VCB=-10V, IE=0, f=1MHz
Noise Figure
NF
-
-
10
dB
VCB=-6V, IC=0.1mA, f=1MHz, Rg=10KΩ
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - 2SA1162_10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1162 KEXIN-2SA1162_15 Datasheet
1Mb / 2P
   PNP Transistors
2SA1162 KEXIN-2SA1162_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1162 WINNERJOIN-2SA1162_15 Datasheet
98Kb / 1P
   PNP TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1162 BILIN-2SA1162_17 Datasheet
195Kb / 3P
   Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SA1162_10

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com