Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA16846 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TDA16846
Description  Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TDA16846 Datasheet HTML 1Page - Infineon Technologies AG TDA16846 Datasheet HTML 2Page - Infineon Technologies AG TDA16846 Datasheet HTML 3Page - Infineon Technologies AG TDA16846 Datasheet HTML 4Page - Infineon Technologies AG TDA16846 Datasheet HTML 5Page - Infineon Technologies AG TDA16846 Datasheet HTML 6Page - Infineon Technologies AG TDA16846 Datasheet HTML 7Page - Infineon Technologies AG TDA16846 Datasheet HTML 8Page - Infineon Technologies AG TDA16846 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TDA 16846/TDA 16846-2/TDA 16847/TDA 16847
Revision History:
Current Version: 2003-07-31
Previous Version Data Sheet TDA 16846: 2000-01-14
Previous Version Data Sheet TDA 16846-2: 2002-07-30
Page
(in previous
Version)
20
21
22
23
Page
(in current
Version)
20
21
22
23
Subjects (major changes since last revision)
The data sheets for TDA 16846 and TDA 16846-2 have been
combined in this version. Some measuring values are updated:
Pin 1 basic value 1
V
1B1 and V1B2 slightly changed.
Pin 2 discharge current
I
2DC min changed from 0.5 mA to 0.6 mA.
Pin 14 overvoltage
V
14OVmax threshold changed from 17.0 V to 17.1 V.
Pin 3 delay to switch on
t
3d slightly decreased.
Pin 4 charge current
I
4ch and discharge current I4DCH added.
Pull high resistor
R
1min changed from 18kOhm to 15 kOhm according
to the data sheet for TDA 16846.
Pin 7 charge current
I
7 min and upper threshold V7Hmin small changed.
Pin 13 rise and fall time adapted according to
C
13= 1nF (prev. 10 nF).
V
13aclow slightly decreased (only TDA 16846-2, TDA 16847-2).
TDA 16846-2/TDA 16847-2:
Improvements of TDA 16846-2/TDA16847-2 compared with TDA 16846/TDA16847
Pin 5
OCI
Expanded input voltage range down to zero, series resistor between
pin 5 and ground is no longer necessary.
Pin 7
SYN
Improved startup to prevent the transformer from saturation also in
fixed frequency and synchronized mode.
Pin 11
PVC
Noise-immunity improved by spike blanking.
Pin 13
OUT
Reduced output voltage level for off state.
Pin 14
VCC
Noise-immunity improved by spike blanking.
Edition 07.03
Published by Infineon Technologies AG
St.-Martin-Strasse 53
D-81541 München
© Infineon Technologies AG 2003
All Rights Reserved.
Attention please!
The information herein is given to describe certain components and shall not be considered as warranted characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and
charts stated herein.
Infineon Technologiesis an approved CECC manufacturer.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office
in Germany or our Infineon Technologies Representatives worldwide.
Warnings
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact
your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Tech-
nologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect
the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other
persons may be endangered.


Similar Part No. - TDA16846

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

Similar Description - TDA16846

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1QS01 INFINEON-ICE1QS01 Datasheet
484Kb / 21P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
V1.4, 27 April 2004
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Panasonic Battery Group
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
   for main and standby power supplies
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
   For main and standby power supplies.
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
   For main and standby power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com