Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA16846-2 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TDA16846-2
Description  Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846-2 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TDA16846-2 Datasheet HTML 1Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 2Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 3Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 4Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 5Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 6Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 7Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 8Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TDA 16846/16846-2
TDA 16847/16847-2
Version 2.0
4
31 Jul 2003
several protection functions:
V
CC over- and undervoltage, mains undervoltage, current
limiting and 2 free usable fault comparators. Regulation can be done by using the
internal error amplifier or an opto coupler feedback (additional input). The output driver
is ideally suited for driving a power MOSFET. Fixed frequency and synchronized
operation are also possible.
The TDA 16846-2 is suited for TV-, VCR- sets, SAT receivers and other sets for
consumer electronics. It also can be used in PC monitors.
The TDA 16847-2 is identical with TDA 16846-2 but has an additional power
measurement output (pin 8) which can be used as a Temporary High Power Circuit.
Figure 1
Pin Configuration (top view)
1.3
Pin Definitions and Functions
Pin
Symbol
Function
1
OTC
Off Time Circuit
2
PCS
Primary Current Simulation
3
RZI
Regulation and Zero Crossing Input
4
SRC
Soft-Start and Regulation Capacitor
5
OCI
Opto Coupler Input
6
FC2
Fault Comparator 2
7
SYN
Synchronization Input
8
N.C./PMO
Not Connected (TDA 16846-2) / PMO (TDA 16847-2)
9
REF
Reference Voltage and Current
10
FC1
Fault Comparator 1
11
PVC
Primary Voltage Check
12
GND
Ground
13
OUT
Output
14
VCC
Supply Voltage


Similar Part No. - TDA16846-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

Similar Description - TDA16846-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1QS01 INFINEON-ICE1QS01 Datasheet
484Kb / 21P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
V1.4, 27 April 2004
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Panasonic Battery Group
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
   for main and standby power supplies
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
   For main and standby power supplies.
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
   For main and standby power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com