Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4921-5U Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4921-5U
Description  Dynamic Differential Hall Effect Sensor IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4921-5U Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4921-5U_08 Datasheet HTML 1Page - Infineon Technologies AG TLE4921-5U_08 Datasheet HTML 2Page - Infineon Technologies AG TLE4921-5U_08 Datasheet HTML 3Page - Infineon Technologies AG TLE4921-5U_08 Datasheet HTML 4Page - Infineon Technologies AG TLE4921-5U_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4921-5U_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4921-5U_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4921-5U_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4921-5U_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Type
Marking
Ordering Code
Package
TLE4921-5U
215U
SP000013593
PG-SSO-4-1
TLE4921-5U
Dynamic Differential Hall Effect Sensor IC
Data Sheet
5
V 1.1, 2008-01
Bipolar IC
1
Overview
1.1
Features
Advanced performance
High sensitivity
Symmetrical thresholds
High piezo resistivity
Reduced power consumption
South and north pole pre-induction possible
AC coupled
Digital output signal
Two-wire and three-wire configuration possible
Large temperature range
Large airgap
Low cut-off frequency
Protection against overvoltage
Protection against reversed polarity
Output protection against electrical disturbances
The differential Hall Effect sensor TLE4921-5U provides a high sensitivity and a superior
stability over temperature and symmetrical thresholds in order to achieve a stable duty
cycle. TLE4921-5U is particularly suitable for rotational speed detection and timing
applications of ferromagnetic toothed wheels such as anti-lock braking systems,
transmissions, crankshafts, etc. The integrated circuit (based on Hall effect) provides a
digital signal output with frequency proportional to the speed of rotation. Unlike other
rotational sensors differential Hall ICs are not influenced by radial vibration within the
effective airgap of the sensor and require no external signal processing.


Similar Part No. - TLE4921-5U_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
More results

Similar Description - TLE4921-5U_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
logo
Siemens Semiconductor G...
TLE4923 SIEMENS-TLE4923 Datasheet
157Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
   Dynamic Differential Hall Effect Sensor
Version 1.1
TLE4924C-1E6547 INFINEON-TLE4924C-1E6547 Datasheet
89Kb / 6P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
logo
Melexis Microelectronic...
MLX90254 MELEXIS-MLX90254_12 Datasheet
215Kb / 10P
   Differential Dynamic Hall Effect Sensor
logo
Infineon Technologies A...
TLE4926C-HTNE6747 INFINEON-TLE4926C-HTNE6747 Datasheet
613Kb / 27P
   Dynamic Differential Hall Effect Sensor
April 2007 Version 3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com