Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6368G1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6368G1
Description  Multi-Voltage Processor Power Supply
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368G1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6368G1 Datasheet HTML 4Page - Infineon Technologies AG TLE6368G1 Datasheet HTML 5Page - Infineon Technologies AG TLE6368G1 Datasheet HTML 6Page - Infineon Technologies AG TLE6368G1 Datasheet HTML 7Page - Infineon Technologies AG TLE6368G1 Datasheet HTML 8Page - Infineon Technologies AG TLE6368G1 Datasheet HTML 9Page - Infineon Technologies AG TLE6368G1 Datasheet HTML 10Page - Infineon Technologies AG TLE6368G1 Datasheet HTML 11Page - Infineon Technologies AG TLE6368G1 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
8
Rev. 2.2, 2006-12-01
2
Detailed circuit description
In the following major buck regulator blocks, the linear voltage regulators and trackers,
the undervoltage reset function, the watchdog and the SPI are described in more detail.
For applications information e.g. choice of external components, please refer to section
5.
2.1
Buck Regulator
The diagram below shows the internal implemented circuit of the Buck converter, i. e. the
internal DMOS devices, the regulation loop and the other major blocks.
Figure 3 Detailed Buck regulator diagram
The 1.5A Buck regulator consists of two internal DMOS power stages including a current
mode regulation scheme to avoid external compensation components plus additional
blocks for low EME and reduced switching loss. Figure 3 indicates also the principle how
Int. voltage
regulator
Int. charge
pump
Zero cross
detection
Divider
Oscillator
1.4MHz
Slope logic
under-
voltage
lockout
Gate driver
Delay unit
5V
14V
150µA
Vref=6V
Voltage
feedback
amplifier
Current
sense
amplifier
+
Current
comparator
PWM logic
Gate off signal
from overtemp or
sleep command
Trigger for
gate on
Trigger for
gate off
Slope
compensation
Lowpass
Lowpass
switching frequency 330kHz
Slope
control
from
current sensing
to
current sense
amplifier
FB/L_IN
C+
C-
CCP
SLEW
SW
BOOT-
STRAP
BOOST
SW
IN
IN
external components
Main switch ON/OFF
Slope switch
charge signal
Slope switch
discharge signal
8 to 10V
Main
DMOS
Slope
DMOS
pins


Similar Part No. - TLE6368G1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6368 INFINEON-TLE6368 Datasheet
421Kb / 58P
   Multi-Voltage Processor Power Supply
Rev. 1.32 2004-10-15
TLE6368-G2 INFINEON-TLE6368-G2 Datasheet
1Mb / 60P
   Multi-Voltage Processor Power Supply
Rev. 2.3, May 2009
More results

Similar Description - TLE6368G1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6368-G2 INFINEON-TLE6368-G2 Datasheet
1Mb / 60P
   Multi-Voltage Processor Power Supply
Rev. 2.3, May 2009
TLE6368 INFINEON-TLE6368 Datasheet
421Kb / 58P
   Multi-Voltage Processor Power Supply
Rev. 1.32 2004-10-15
TLE6361G INFINEON-TLE6361G_05 Datasheet
1Mb / 57P
   Multi-Voltage Processor Power Supply
Rev. 2.0 2005-03-01
TLE6361G INFINEON-TLE6361G Datasheet
696Kb / 57P
   Multi-Voltage Processor Power Supply
Rev. 1.31 1 2004-10-12
logo
Sanyo Semicon Device
LA5603 SANYO-LA5603 Datasheet
117Kb / 5P
   Multi-function, Multiple Voltage Power Supply
logo
RICOH electronics devic...
RV5VE001A RICOH-RV5VE001A Datasheet
321Kb / 49P
   MULTI-POWER SUPPLY
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
   Multi Output Power Supply Regulator
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com