Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7272-2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7272-2
Description  5-V Low Dropout Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272-2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7272-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 10Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 11Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 12Page - Infineon Technologies AG TLE7272-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
9
Rev. 1.0, 2009-06-01
TLE7272-2
Electrical Characteristics
5.2
Typical Performance Characteristics Voltage Regulator
Current Consumption
I
q versus
Junction Temperature
T
J
Current Consumption
I
q versus
Input Voltage
V
IQ
Current Consumption
I
q versus
Output Current
I
Q
Output Voltage
V
Q versus
Junction Temperature
T
J
1_Iq-Tj.vsd
10
1
0.01
100
I
q [µA]
-40
T
j [°C]
-20
20 40
80 100
0
60
140
120
V
I = 13.5V
I
Q = 100 µA
0
V
I [V]
20
30
I
q [µA]
3_IQ-VI.VSD
30
20
10
40
10
40
I
Q = 0.2mA
I
Q = 10mA
I
Q = 50mA
Tj = 25°C
0100
2_IQ-IQ.VSD
15
10
5
20
200
T
j = -40 °C
30
T
j = 25 °C
I
Q [mA]
I
q [µA]
V
I = 13.5 V
300
-40
T
j [°C]
-20
20 40
80 100
V
Q [V]
5A_VQ-TJ.VSD
5.00
4.95
4.90
5.05
060
140
120
V
I = 13.5 V
I
Q =100µA...100mA


Similar Part No. - TLE7272-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7272 INFINEON-TLE7272 Datasheet
511Kb / 20P
   5-V Low Drop Voltage Regulator
Rev. 1.0a, 2005-02-08
TLE7272D INFINEON-TLE7272D Datasheet
511Kb / 20P
   5-V Low Drop Voltage Regulator
Rev. 1.0a, 2005-02-08
TLE7272G INFINEON-TLE7272G Datasheet
511Kb / 20P
   5-V Low Drop Voltage Regulator
Rev. 1.0a, 2005-02-08
More results

Similar Description - TLE7272-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275QKVURQ1 TI-TLE4275QKVURQ1 Datasheet
1Mb / 22P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLE4275-Q1 5-V Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com