Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7274 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7274
Description  5-V Low Drop Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7274 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7274 Datasheet HTML 1Page - Infineon Technologies AG TLE7274 Datasheet HTML 2Page - Infineon Technologies AG TLE7274 Datasheet HTML 3Page - Infineon Technologies AG TLE7274 Datasheet HTML 4Page - Infineon Technologies AG TLE7274 Datasheet HTML 5Page - Infineon Technologies AG TLE7274 Datasheet HTML 6Page - Infineon Technologies AG TLE7274 Datasheet HTML 7Page - Infineon Technologies AG TLE7274 Datasheet HTML 8Page - Infineon Technologies AG TLE7274 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLE 7274
Data Sheet
3
Rev. 1.1, 2005-07-30
Figure 2
Pin Configuration P-TO252-3 (D-PAK), P-TO263-3 (D
2-PAK)(top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1
I
Input; block to ground directly at the IC with a ceramic capacitor.
2
GND
Ground; Pin 2 internally connected to heatsink.
3
Q
Output; block to ground with a ceramic capacitor,
C ≥ 470 nF.
AEP02512
Ι
GND
Q
GND
Ι
Q
AEP02281


Similar Part No. - TLE7274

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7274 INFINEON-TLE7274 Datasheet
396Kb / 18P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2005-02-09
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
TLE7274-2D INFINEON-TLE7274-2D Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
TLE7274-2D INFINEON-TLE7274-2D Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
TLE7274-2E INFINEON-TLE7274-2E Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
More results

Similar Description - TLE7274

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com