Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8386EL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE8386EL
Description  Smart Boost Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8386EL Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE8386EL Datasheet HTML 2Page - Infineon Technologies AG TLE8386EL Datasheet HTML 3Page - Infineon Technologies AG TLE8386EL Datasheet HTML 4Page - Infineon Technologies AG TLE8386EL Datasheet HTML 5Page - Infineon Technologies AG TLE8386EL Datasheet HTML 6Page - Infineon Technologies AG TLE8386EL Datasheet HTML 7Page - Infineon Technologies AG TLE8386EL Datasheet HTML 8Page - Infineon Technologies AG TLE8386EL Datasheet HTML 9Page - Infineon Technologies AG TLE8386EL Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Datasheet
6
Rev. 1.0, 2009-11-30
TLE8386EL
Pin Configuration
9OVFB
Output Overvoltage Protection Feedback;
Connect to resistive voltage divider to set overvoltage threshold.
10
ST
Status Output;
Open drain diagnostic output to indicate fault condition.
Connect pull up resistor to pin.
11
FREQ / SYNC
Frequency Select or Synchronization Input;
Connect external resistor to GND to set frequency.
Or apply external clock signal for synchronization within frequency capture range.
12
GND
Ground;
Connect to system ground.
13
EN
Enable;
Apply logic high signal to enable device.
14
IN
Supply Input;
Supply for internal biasing.
Exposed Pad
Connect to GND.
Pin
Symbol
Function


Similar Part No. - TLE8386EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
941Kb / 13P
   Quickstart Manual for EVAL KIT HPD G1 SiC
Revision 1.0 2022-05-27
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

Similar Description - TLE8386EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8386-2EL INFINEON-TLE8386-2EL Datasheet
1Mb / 32P
   Basic Smart Boost Controller
ev. 1.0, 2010-10-25
logo
BCD Semiconductor Manuf...
AP3039 BCDSEMI-AP3039 Datasheet
286Kb / 16P
   BOOST CONTROLLER
AP3039 BCDSEMI-AP3039_09 Datasheet
812Kb / 19P
   BOOST CONTROLLER
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
   PWM BOOST CONTROLLER
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com