Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE42694 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE42694
Description  Low Dropout Fixed Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42694 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE42694_10 Datasheet HTML 6Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 7Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 8Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 9Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 10Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 11Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 12Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 13Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
10
Rev. 1.2, 2010-11-26
TLE42694
General Product Characteristics
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Value
Unit
Conditions
Min.
Typ.
Max.
Junction to Soldering Point1)
1) not subject to production test, specified by design
R
thJSP
80
K/W
measured to pin 5
Junction to Ambient1)
R
thJA
113
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
170
K/W
Footprint only3)
3) Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2
× 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
142
K/W
300mm2 heatsink area on
PCB3)
136
K/W
600mm2 heatsink area on
PCB3)
Junction to Soldering Point1)
R
thJSP
27
K/W
measured to group of pins
3, 4, 5, 10, 11, 12
Junction to Ambient1)
R
thJA
63
K/W
2)
104
K/W
Footprint only3)
73
K/W
300mm2 heatsink area on
PCB3)
65
K/W
600mm2 heatsink area on
PCB3)
Junction to Soldering Point1)
R
thJSP
10
K/W
measured to pin 5
Junction to Ambient1)
R
thJA
47
2)
145
K/W
Footprint only3)
63
K/W
300mm2 heatsink area on
PCB3)
53
K/W
600mm2 heatsink area on
PCB3)
TLE42694G (PG-DSO-8)
4.3.4
4.3.5
4.3.6
4.3.7
4.3.8
TLE42694GM (PG-DSO-14)
4.3.9
4.3.10
4.3.11
4.3.12
4.3.13
TLE42694E (PG-SSOP-14 exposed pad)
4.3.14
4.3.15
4.3.16
4.3.17
4.3.18


Similar Part No. - TLE42694_10

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
More results

Similar Description - TLE42694_10

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com