Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994V33 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE42994V33
Description  Low Dropout Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994V33 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE42994V33 Datasheet HTML 2Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 3Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 4Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 5Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 6Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 7Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 8Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 9Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
6
Rev. 1.01, 2010-10-14
TLE42994V33
Pin Configuration
3.3
Pin Assignment TLE42994EV33 (PG-SSOP-14 Exposed Pad)
Figure 3
Pin Configuration (top view)
3.4
Pin Definitions and Functions TLE42994EV33 (PG-SSOP-14 Exposed Pad)
Pin
Symbol
Function
1
RADJ
Reset Threshold Adjust
connect an external voltage divider to adjust reset threshold;
connect to GND for using internal threshold
2, 6
n.c.
not connected
leave open or connect to GND
3D
Reset Delay Timing
connect a ceramic capacitor to GND for adjusting the reset delay time;
leave open if the reset function is not needed
4
GND
Ground
connect all pins to PCB and heatsink area
5EN
Enable
high signal enables the regulator;
low signal disables the regulator;
connect to I if the Enable function is not needed
7RO
Reset Output
open collector output; internally linked to the output via a 20k
Ω pull-up resistor;
leave open if the reset function is not needed
8SO
Sense Output
open collector output; internally linked to the output via a 20k
Ω pull-up resistor;
leave open if the sense comparator is not needed
9, 10, 12
n.c.
not connected
leave open or connect to GND
11
Q
Output
block to GND with a capacitor close to the IC terminals, respecting the values given for
its capacitance CQ and ESR in the table “Functional Range” on Page 8
13
I
Input
for compensating line influences, a capacitor to GND close to the IC terminals is
recommended
14
SI
Sense Input
connect the voltage to be monitored;
connect to Q if the sense comparator is not needed
PAD
Exposed Pad
attach the exposed pad on package bottom to the heatsink area on circuit board;
connect to GND
SI
SO
n.c.
n.c.
Q
n.c.
I
RADJ
RO
n.c.
EN
GND
D
n.c.
1
2
3
4
5
6
7
14
9
10
11
12
13
8
PINCONFIG_SSOP-14.VSD


Similar Part No. - TLE42994V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com