Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994V33 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42994V33
Description  Low Dropout Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994V33 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42994V33 Datasheet HTML 1Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 2Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 3Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 4Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 5Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 6Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 7Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 8Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Type
Package
Marking
TLE42994GMV33
PG-DSO-14
42994GMV33
TLE42994EV33
PG-SSOP-14 Exposed Pad
42994EV33
PG-DSO-14
PG-SSOP-14 Exposed Pad
Data Sheet
2
Rev. 1.01, 2010-10-14
Low Dropout Fixed Voltage Regulator
TLE42994GMV33
1Overview
Features
Output Voltage 3.3 V
± 2%
Ouput Current up to 150 mA
Extreme Low Current Consumption In ON State
Enable Function: Below 1 µA Current Consumption In OFF State
Early Warning
Power-on and Undervoltage Reset with Programmable Delay Time
Reset Low Down to VQ = 1 V
Adjustable Reset Threshold
Very Low Dropout Voltage
Output Current Limitation
Reverse Polarity Protection
Overtemperature Protection
Suitable for Use in Automotive Electronics
Wide Temperature Range from -40 °C up to 150 °C
Input Voltage Range from -40 V to 45 V
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE42994V33 is a monolithic integrated low dropout voltage regulator, especially designed for automotive
applications that need to be in ON state during the car’s engine is turned off. An input voltage up to 45 V is
regulated to an output voltage of 3.3 V. The component is able to drive loads up to 150 mA. It is short-circuit
protected by the implemented current limitation and has an integrated overtemperature shutdown. A reset signal
is generated for an output voltage VQ,rt of typically 3.1 V. This threshold can be decreased by an external resistor
divider. The power-on reset delay time can be programmed by the external delay capacitor. The additional sense
comparator provides an early warning function: Any voltage (e.g. the input voltage) can be monitored, an under-
voltage condition is indicated by setting the comparator’s output to low. Additionally, an Enable function permitting
enabling/disabling the regulator is also included. In case the regulator is disabled it consumes less current
than1µA.


Similar Part No. - TLE42994V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com